Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38C32MCA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M38C32MCA
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C32MCA Datasheet(HTML) 2 Page - Renesas Technology Corp

  M38C32MCA Datasheet HTML 1Page - Renesas Technology Corp M38C32MCA Datasheet HTML 2Page - Renesas Technology Corp M38C32MCA Datasheet HTML 3Page - Renesas Technology Corp M38C32MCA Datasheet HTML 4Page - Renesas Technology Corp M38C32MCA Datasheet HTML 5Page - Renesas Technology Corp M38C32MCA Datasheet HTML 6Page - Renesas Technology Corp M38C32MCA Datasheet HTML 7Page - Renesas Technology Corp M38C32MCA Datasheet HTML 8Page - Renesas Technology Corp M38C32MCA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
38C3 Group
PIN CONFIGURATION (TOP VIEW)
Package type : 80P6N-A
80-pin plastic-molded QFP
DESCRIPTION
The 38C3 group is the 8-bit microcomputer based on the 740 family
core technology.
The 38C3 group has a LCD drive control circuit, a 10-channel A-D
converter, and a Serial I/O as additional functions.
The various microcomputers in the 38C3 group include variations of
internal memory size and packaging. For details, refer to the section
on part numbering.
For details on availability of microcomputers in the 38C3 group, refer
to the section on group expansion.
FEATURES
qBasic machine-language instructions ....................................... 71
qThe minimum instruction execution time ............................. 0.5
µs
(at 8MHz oscillation frequency)
qMemory size
ROM .................................................................. 4 K to 48 K bytes
RAM ................................................................. 192 to 1024 bytes
qProgrammable input/output ports ............................................. 57
qSoftware pull-up/pull-down resistors
..................................................... (Ports P0–P8 except Port P51)
qInterrupts ................................................... 16 sources, 16 vectors
(includes key input interrupt)
qTimers ............................................................ 8-bit ! 6, 16-bit ! 1
qA-D converter ................................................. 10-bit ! 8 channels
qSerial I/O ....................................... 8-bit ! 1 (Clock-synchronized)
qLCD drive control circuit
Bias ............................................................................ 1/1, 1/2, 1/3
Duty .................................................................... 1/1, 1/2, 1/3, 1/4
Common output .......................................................................... 4
Segment output ........................................................................ 32
q2 Clock generating circuit
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
In high-speed mode .................................................... 4.0 to 5.5 V
In middle-speed mode ................................................ 2.5 to 5.5 V
In low-speed mode ...................................................... 2.5 to 5.5 V
qPower dissipation
In high-speed mode ........................................................... 32 mW
(at 8 MHz oscillation frequency)
In low-speed mode .............................................................. 45
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range .................................... – 20 to 85°C
APPLICATIONS
Camera, household appliances, consumer electronics, etc.
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Fig. 1 M38C34M6AXXXFP pin configuration
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P64/AN4
P65/AN5
P66/AN6
P67/AN7
AVSS
VREF
P62/AN2
P63/AN3
VL1
COM3
COM2
COM1
COM0
VL3
VL2
P40/SCLK2
P42/T3OUT
P43/
φ
P44/SIN
P45/SOUT
P46/SCLK1
P47/SRDY
P41/T1OUT
P80
P30/SEG24
P33/SEG27
P34/SEG28
P35/SEG29
P36/SEG30
P37/SEG31
P31/SEG25
P32/SEG26
M38C34M6AXXXFP


Similar Part No. - M38C32MCA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38C32MCAXXXFP MITSUBISHI-M38C32MCAXXXFP Datasheet
881Kb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
logo
Renesas Technology Corp
M38C32MCAXXXFP RENESAS-M38C32MCAXXXFP Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
logo
Mitsubishi Electric Sem...
M38C32MCAXXXFS MITSUBISHI-M38C32MCAXXXFS Datasheet
881Kb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
logo
Renesas Technology Corp
M38C32MCAXXXFS RENESAS-M38C32MCAXXXFS Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38C32MCA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com