Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC152 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC152
Description  1-of-8-line Data Selector/Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC152 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC152 Datasheet HTML 1Page - Renesas Technology Corp HD74HC152 Datasheet HTML 2Page - Renesas Technology Corp HD74HC152 Datasheet HTML 3Page - Renesas Technology Corp HD74HC152 Datasheet HTML 4Page - Renesas Technology Corp HD74HC152 Datasheet HTML 5Page - Renesas Technology Corp HD74HC152 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HD74HC152
Rev.2.00, Oct 11, 2005 page 3 of 5
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage range
VCC
–0.5 to +7.0
V
Input voltage
VIN
–0.5 to VCC + 0.5
V
Output voltage
VOUT
–0.5 to VCC + 0.5
V
Output current
IOUT
±25
mA
DC current drain per VCC, GND
ICC, IGND
±50
mA
DC input diode current
IIK
±20
mA
DC output diode current
IOK
±20
mA
Power dissipation per package
PT
500
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
2 to 6
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
0 to 1000
VCC = 2.0 V
0 to 500
VCC = 4.5 V
Input rise / fall time
*1
tr, tf
0 to 400
ns
VCC = 6.0 V
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Ta = 25
°C
Ta = –40 to+85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
1.5
4.5
3.15
3.15
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
IOH = –20
µA
4.5
4.18
4.13
IOH = –4 mA
VOH
6.0
5.68
5.63
V
Vin = VIH or VIL
IOH = –5.2 mA
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
IOL = 20
µA
4.5
0.26
0.33
IOL = 4 mA
Output voltage
VOL
6.0
0.26
0.33
V
Vin = VIH or VIL
IOL = 5.2 mA
Input current
Iin
6.0
±0.1
±1.0
µA Vin = VCC or GND
Quiescent
supply
current
ICC
6.0
4.0
40
µA Vin = VCC or GND, Iout = 0 µA


Similar Part No. - HD74HC152

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
   1-of-8-line Data Selector/Multiplexer
More results

Similar Description - HD74HC152

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC151 RENESAS-HD74HC151 Datasheet
96Kb / 7P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
   1-of-8-line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
August 1995
logo
Texas Instruments
9312 TI1-9312_11 Datasheet
360Kb / 8P
[Old version datasheet]   DM9312 1-of-8 Line Data Selector/Multiplexer
74AC11151 TI1-74AC11151_09 Datasheet
102Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74AC11151 TI-74AC11151 Datasheet
87Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74ACT11151 TI1-74ACT11151 Datasheet
88Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com