Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38B74M9 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M38B74M9
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B74M9 Datasheet(HTML) 3 Page - Renesas Technology Corp

  M38B74M9 Datasheet HTML 1Page - Renesas Technology Corp M38B74M9 Datasheet HTML 2Page - Renesas Technology Corp M38B74M9 Datasheet HTML 3Page - Renesas Technology Corp M38B74M9 Datasheet HTML 4Page - Renesas Technology Corp M38B74M9 Datasheet HTML 5Page - Renesas Technology Corp M38B74M9 Datasheet HTML 6Page - Renesas Technology Corp M38B74M9 Datasheet HTML 7Page - Renesas Technology Corp M38B74M9 Datasheet HTML 8Page - Renesas Technology Corp M38B74M9 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
2
Fig. 1 Pin configuration of M38B79MFH-XXXXFP
PIN CONFIGURATION (TOP VIEW)
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
M38B79MFH-XXXXFP
*P47/FLD39
VEE
*P46/FLD38
PB5/SOUT1
PB4/SCLK11
PB3/SSTB1
PA6/AN6
PA7/AN7
VREF
AVSS
PB2/SBUSY1
P71/INT1
P70/INT0
PB0/SCLK12/DA
PB1/SRDY1
*P20/FLD0
*P21/FLD1
*P22/FLD2
*P23/FLD3
*P24/FLD4
*P25/FLD5
*P26/FLD6
*P27/FLD7
PB6/SIN1
*P51/FLD41
*P50/FLD40
*P53/FLD43
*P52/FLD42
*P55/FLD45
*P54/FLD44
*P57/FLD47
*P56/FLD46
*P61/FLD49
*P60/FLD48
*P63/FLD51
*P62/FLD50
P65/TxD/FLD53
P64/RxD/FLD52
P67/SRDY2/SCLK22/FLD55
P66/SCLK21/FLD54
Package type: 100P6S-A
*High-breakdown-voltage output port: Totaling 52


Similar Part No. - M38B74M9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38B74M9H-AXXXFP RENESAS-M38B74M9H-AXXXFP Datasheet
4Mb / 415P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38B74M9

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com