Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38068M8XXXFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M38068M8XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38068M8XXXFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M38068M8XXXFP Datasheet HTML 2Page - Renesas Technology Corp M38068M8XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38068M8XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38068M8XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38068M8XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38068M8XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38068M8XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38068M8XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38068M8XXXFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
5
3850 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
GROUP EXPANSION
Mitsubishi plans to expand the 3850 group as follows:
Memory Type
Support for mask ROM, One Time PROM, and EPROM versions.
Memory Size
ROM/PROM size ................................................... 8K to 24K bytes
RAM size .............................................................. 512 to 640 bytes
Packages
42P4B..........................................42-pin shrink plastic molded DIP
42P2R-A ............................................ 42-pin plastic molded SSOP
42S1B-A ................... 42-pin shrink ceramic DIP(EPROM version)
Fig. 4 Memory expansion plan
Currently planning products are listed below.
RAM size (bytes)
Remarks
Package
Table 2 Support products
Product name
As of August 1998
8192
(8062)
(P) ROM size (bytes)
ROM size for User in (
)
Memory Expansion Plan
Products under development or planning : the development schedule and specification may be revised without notice.
Planning products may be stopped the development.
M38503M2-XXXSP
M38503M2-XXXFP
M38503M4-XXXSP
M38503E4-XXXSP
M38503E4SP
M38503E4SS
M38503M4-XXXFP
M38503E4-XXXFP
M38503E4FP
M38504M6-XXXSP
M38504E6-XXXSP
M38504E6SP
M38504E6SS
M38504M6-XXXFP
M38504E6-XXXFP
M38504E6FP
512
42P2R-A
42P4B
Mask ROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version (stock only replaced by M38504E6SS)
Mask ROM version
One Time PROM version
One Time PROM version (blank)
Mask ROM version
16384
(16254)
42P2R-A
48K
ROM size (bytes)
32K
28K
24K
20K
16K
12K
8K
128
192
256
RAM size (bytes)
384
512
640
768
896
1024
M38503M4/E4
Under development
M38504M6/E6
Mass production
M38503M2
Mass production
42P4B
512
42S1B-A
42P4B
One Time PROM version
One Time PROM version (blank)
EPROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
Mask ROM version
32768
(32638)
42P2R-A
640
42S1B-A


Similar Part No. - M38068M8XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38068M8XXXFP RENESAS-M38068M8XXXFP Datasheet
1Mb / 75P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38068M8XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com