Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38068E6XXXFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M38068E6XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38068E6XXXFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M38068E6XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38068E6XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38068E6XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38068E6XXXFP Datasheet HTML 10Page - Renesas Technology Corp M38068E6XXXFP Datasheet HTML 11Page - Renesas Technology Corp M38068E6XXXFP Datasheet HTML 12Page - Renesas Technology Corp M38068E6XXXFP Datasheet HTML 13Page - Renesas Technology Corp M38068E6XXXFP Datasheet HTML 14Page - Renesas Technology Corp M38068E6XXXFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
10
MITSUBISHI MICROCOMPUTERS
3807 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
I/O Ports
[Direction Registers] PiD
The 3807 group has 68 programmable I/O pins arranged in nine indi-
vidual I/O ports (P0—P5, P60—P62, P65 and P7—P8). The I/O ports
have direction registers which determine the input/output direction of
each individual pin. Each bit in a direction register corresponds to
one pin, each pin can be set to be input port or output port. When "0"
is written to the bit corresponding to a pin, that pin becomes an input
pin. When "1" is written to that pin, that pin becomes an output pin. If
data is read from a pin set to output, the value of the port output latch
is read, not the value of the pin itself. Pins set to input (the bit corre-
sponding to that pin must be set to "0") are floating and the value of
that pin can be written to. If a pin set to input is written to, only the
port output latch is written to and the pin remains floating.
[Pull-up Control Register] PULL
Ports P0, P1 and P2 have built-in programmable pull-up resistors.
The pull-up resistors are valid only in the case that the each control
bit is set to "1" and the corresponding port direction registers are set
to input mode.
(1) CMOS/TTL input level selection
Either CMOS input level or TTL input level can be selected as an
input level for ports P20 to P27 and P32. The input level is selected by
P2·P32 input level selection bit (b7) of the port P2P3 control register
(address 001516). When the bit is set to "0", CMOS input level is
selected. When the bit is set to "1", the TTL input level is selected.
After this bit is re-set, its initial value depends on the state of the
CNVss pin. When the CNVss pin is connected to Vss, the initial value
becomes "0". When the CNVss pin is connected to Vcc, the initial
value becomes "1".
(2) Notes on STP instruction execution
Make sure that the input level at each pin is either 0V or to Vcc during
execution of the STP instruction. When an input level is at an inter-
mediate potential, a current will flow from Vcc to Vss through the
input-stage gate.
Fig. 8. Structure of Port P2P3 control register
Fig. 9. Structure of Pull-up control register
b7
Port P2P3 control register
(P2P3C : address 001516)
P34 Clock output control bit
0: I/O port
1: Clock output
Output clock frequency selection bit
000:
φ
001: f(XCIN)
010: “L” fixed output
011: “L” fixed output
100: f(XIN)
(f(XCIN) in low-speed mode)
101: f(XIN)/2
(f(XCIN)/2 in low-speed mode)
110: f(XIN)/4
(f(XCIN)/4 in low-speed mode)
111: f(XIN)/16 (f(XCIN)/16 in low-speed mode)
Not used (return "0" when read)
P2 P32 input level selection bit
0: CMOS level input
1: TTL level input
b0
0: No pull-up
1: Pull-up
Pull-up control register
(PULL : address 001616)
P00—P03 pull-up control bit
P04,P05 pull-up control bit
P06 pull-up control bit
P07 pull-up control bit
P10—P13 pull-up control bit
P14—P17 pull-up control bit
P20—P23 pull-up control bit
P24—P27 pull-up control bit
b7
b0


Similar Part No. - M38068E6XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38068E6XXXFP RENESAS-M38068E6XXXFP Datasheet
918Kb / 53P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38068E6XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com