Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37549RLSS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M37549RLSS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37549RLSS Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M37549RLSS Datasheet HTML 3Page - Renesas Technology Corp M37549RLSS Datasheet HTML 4Page - Renesas Technology Corp M37549RLSS Datasheet HTML 5Page - Renesas Technology Corp M37549RLSS Datasheet HTML 6Page - Renesas Technology Corp M37549RLSS Datasheet HTML 7Page - Renesas Technology Corp M37549RLSS Datasheet HTML 8Page - Renesas Technology Corp M37549RLSS Datasheet HTML 9Page - Renesas Technology Corp M37549RLSS Datasheet HTML 10Page - Renesas Technology Corp M37549RLSS Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 7 of 81
REJ03B0202-0201
7549 Group
GROUP EXPANSION
Renesas plans to expand the 7549 group as follow:
Memory Type
Support for QzROM version and emulator MCU.
Memory Size
• ROM size ........................................................ 2K to 6K bytes
• RAM size ..................................................... 192 to 256 bytes
Packages
• PRSP0024GA-A .... 0.8 mm-pitch 24-pin plastic molded SSOP
• 42S1M ......................... 42-pin shrink ceramic PIGGY BACK
Fig 4.
Memory expansion plan
Currently supported products are listed below.
NOTE:
1. ROM size includes the function set ROM.
192
256
6K
4K
2K
0
M37549G1
M37549G3
RAM size
(bytes)
ROM size
(bytes)
M37549G2
As of Sep. 2007
Table 3
List of supported products
Part number
ROM size (bytes)
ROM size for User ()
RAM size
(bytes)
Package
Remarks
M37549G3-XXXFP
6144
(6014)
256
PRSP0024GA-A
QzROM version
M37549G3FP
QzROM version (blank)
M37549G2-XXXFP
4096
(3966)
256
PRSP0024GA-A
QzROM version
M37549G2FP
QzROM version (blank)
M37549G1-XXXFP
2048
(1918)
192
PRSP0024GA-A
QzROM version
M37549G1FP
QzROM version (blank)
M37549RLSS
256
42S1M
Emulator MCU


Similar Part No. - M37549RLSS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37549RLSS RENESAS-M37549RLSS Datasheet
1Mb / 73P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37549RLSS RENESAS-M37549RLSS Datasheet
1Mb / 73P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37549RLSS RENESAS-M37549RLSS Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37549RLSS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com