Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37630E4T-XXXFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M37630E4T-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37630E4T-XXXFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M37630E4T-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M37630E4T-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M37630E4T-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M37630E4T-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M37630E4T-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M37630E4T-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M37630E4T-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M37630E4T-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M37630E4T-XXXFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
6
MITSUBISHI MICROCOMPUTERS
7630 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
FUNCTIONAL DESCRIPTION
Central Processing Unit (CPU)
The core of 7630 group microcomputers is the 7600 series CPU.
This core is based on the standard instruction set of 740 series;
however the performance is improved by allowing to execute the
same instructions as that of the 740 series in less cycles. Refer to
the 7600 Series Software Manual for details of the instruction set.
CPU Mode Register CPUM
The CPU mode register contains the stack page selection bit and
internal system clock selection bit. The CPU mode register is allo-
cated to address 000016.
Fig. 5
Structure of CPU mode register
CPU mode register (address 000016)
CPUM
Processor mode bits (set these bits to “00”)
b1 b0
0 0: Single–chip mode
0 1: Not used
1 0: Not used
1 1: Not used
Stack page selection bit
0 : 0 page
1 : 1 page
Not used (“0” when read, do not write “1”)
Internal system clock selection bit
0 :
φ=f(X
IN) divided by 2 (high–speed mode)
1 :
φ=f(X
IN) divided by 8 (middle–speed mode)
Not used (“0” when read, do not write “1”)
70


Similar Part No. - M37630E4T-XXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630E4T-XXXFP MITSUBISHI-M37630E4T-XXXFP Datasheet
571Kb / 48P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37630E4T-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com