Electronic Components Datasheet Search |
|
M38C35E8A Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
M38C35E8A Datasheet(HTML) 6 Page - Renesas Technology Corp |
6 / 63 page 5 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 38C3 Group M38C3 4 M 6 A XXX FP Product ROM/PROM size 1 2 3 4 5 6 7 8 : 4096 bytes : 8192 bytes : 12288 bytes : 16384 bytes : 20480 bytes : 24576 bytes : 28672 bytes : 32768 bytes The first 128 bytes and the last 2 bytes of ROM are reserved areas ; they cannot be used. Memory type M E : Mask ROM version : EPROM or One Time PROM version RAM size 0 1 2 3 4 5 6 7 : 192 bytes : 256 bytes : 384 bytes : 512 bytes : 640 bytes : 768 bytes : 896 bytes : 1024 bytes Package type FP FS ROM number Omitted in some types. A : Standard(Note) M : M version : 80P6N-A package : 80D0 package 9 A B C : 36864 bytes : 40960 bytes : 45056 bytes : 49152 bytes Note : Difference between standard and M version • Standard : • M version : Port P50/TAOUT pin remains set to the input mode until the direction register is set to the output mode during reset and after reset. Port P50/TAOUT pin remains set to the output mode (“L” output) until the direction register is set to the input mode during reset and after reset. PART NUMBERING Fig. 3 Part numbering |
Similar Part No. - M38C35E8A |
|
Similar Description - M38C35E8A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |