Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7548_0710 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 7548_0710
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7548_0710 Datasheet(HTML) 4 Page - Renesas Technology Corp

  7548_0710 Datasheet HTML 1Page - Renesas Technology Corp 7548_0710 Datasheet HTML 2Page - Renesas Technology Corp 7548_0710 Datasheet HTML 3Page - Renesas Technology Corp 7548_0710 Datasheet HTML 4Page - Renesas Technology Corp 7548_0710 Datasheet HTML 5Page - Renesas Technology Corp 7548_0710 Datasheet HTML 6Page - Renesas Technology Corp 7548_0710 Datasheet HTML 7Page - Renesas Technology Corp 7548_0710 Datasheet HTML 8Page - Renesas Technology Corp 7548_0710 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 4 of 81
REJ03B0210-0201
7548 Group
PERFORMANCE OVERVIEW
Table 1
Performance overview
Parameter
Function
Number of basic instructions
71
Instruction execution time
0.25
µs (Minimum instruction, oscillation frequency 8 MHz, double-speed mode)
Oscillation frequency
8 MHz (Maximum)
Memory sizes
ROM
M37548G1
2K bytes
× 8 bits
M37548G2
4K bytes
× 8 bits
M37548G3
6K bytes
× 8 bits
RAM
M37548G1
192 bytes
× 8 bits
M37548G2
256 bytes
× 8 bits
M37548G3
256 bytes
× 8 bits
I/O port
P00-P07 I/O
1-bit
× 8, LED direct drive ports
P10-P15 I/O
1-bit
× 6
P20
Output
1-bit
× 1
P21
I/O
1-bit
× 1
Interrupts
Source
12 sources, 12 vectors
Timer
8-bit
× 2, 16-bit × 1
Output compare
3-channel
Input capture
1 channel
Serial interface
8-bit
× 1 (UART or clock synchronous)
A/D converter
10-bit resolution
× 6 channel
Watchdog timer
16-bit
× 1
Power-on reset circuit
Built-in
Low voltage detection circuit
Built-in
Clock generating circuit
Built-in (external ceramic resonator or quartz-crystal oscillator, external 32-kHz
quartz-crystal oscillator available) (built-in high/low-speed on-chip oscillator)
Function set ROM
area
Function set ROM
Function set ROM is assigned to address FFD816 to FFDA16.
Valid/invalid of low voltage detection circuit can be selected.
Oscillation mode can be selected.
Enable/disable of watchdog timer and STP instruction can be selected.
ROM code protect
ROM code protect is assigned to address FFDB16.
Read/write the built-in QzROM by serial programmer is disabled by setting “00”
to ROM code protect.
Power source
voltage
(at ceramic
resonator)
Double-
speed
mode
at 8 MHz oscillation
4.5 to 5.5 V
at 2 MHz oscillation
2.4 to 5.5 V
at 1 MHz oscillation
2.2 to 5.5 V
High-
speed
mode
at 8 MHz oscillation
4.0 to 5.5 V
at 4 MHz oscillation
2.4 to 5.5 V
at 1 MHz oscillation
1.8 to 5.5 V
Power source
voltage
(at high-speed on-
chip oscillator)
Double-
speed
mode
at 4 MHz oscillation
4.0 to 5.5 V
Power source
voltage
(at low-speed on-
chip oscillator)
Double-
speed
mode
at 250 kHz oscillation
1.8 to 5.5 V
Power dissipation
30 mW
Operating temperature range
-20 to 85 °C
Device structure
CMOS silicon gate
Package
20-pin plastic molded SSOP (PLSP0020JB-A)


Similar Part No. - 7548_0710

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7548 RENESAS-7548_07 Datasheet
255Kb / 18P
   Standard Characteristics
More results

Similar Description - 7548_0710

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com