Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38062M6-XXXFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M38062M6-XXXFP
Description  SINGLE-CHIP 8-BIT MICROCOMPUTER
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38062M6-XXXFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M38062M6-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38062M6-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38062M6-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38062M6-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38062M6-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38062M6-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38062M6-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38062M6-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M38062M6-XXXFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
6
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
GROUP EXPANSION
Mitsubishi plans to expand the 3819 group as follows:
(1) Support for mask ROM, One Time PROM, and EPROM ver-
sions
ROM/PROM capacity .................................. 40 K to 60 K bytes
RAM capacity .............................................. 1024 to 2048 bytes
(2) Packages
100P6S-A ........................... 0.65 mm-pitch plastic molded QFP
100D0 ........................... Ceramic LCC(built-in EPROM version)
Currently supported products are listed below.
As of May 1996
RAM size (bytes)
Remarks
Package
Product
(P) ROM size (bytes)
ROM size for User in (
)
M38197MA-XXXFP
M38197MA-XXXKP
M38198MC-XXXKP
M38199MF-XXXKP
M38198MC-XXXFP
M38198EC-XXXFP
M38198ECFP
M38198ECFS
M38199MF-XXXFP
M38199EF-XXXFP
M38199EFFP
M38199EFFS
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
1024
1536
2048
100P6S-A
100P6P-E
100P6S-A
100D0
100P6S-A
100D0
40960
(40830)
49152
(49022)
61440
(61310)
Memory Expansion Plan
Products under development : the development schedule and specifications may be revised without notice.
4K
256
512
768
1,024
1,536
2,048
ROM size (bytes)
RAM size (bytes)
Under development
8K
12K
16K
20K
24K
28K
32K
36K
40K
44K
48K
52K
56K
60K
M38199MF/EF
Mass product
Mass product
M38197MA
M38198MC/EC


Similar Part No. - M38062M6-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38062M6-XXXFP RENESAS-M38062M6-XXXFP Datasheet
1Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38062M6-XXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
   8-bit single chip microcomputer
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
   8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com