Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37516F4-XXXHP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M37516F4-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37516F4-XXXHP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M37516F4-XXXHP Datasheet HTML 1Page - Renesas Technology Corp M37516F4-XXXHP Datasheet HTML 2Page - Renesas Technology Corp M37516F4-XXXHP Datasheet HTML 3Page - Renesas Technology Corp M37516F4-XXXHP Datasheet HTML 4Page - Renesas Technology Corp M37516F4-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M37516F4-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M37516F4-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M37516F4-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M37516F4-XXXHP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 1 of 89
7516 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
DESCRIPTION
The 7516 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 7516 group is designed for the household products and office
automation equipment and includes serial I/O functions, 8-bit
timer, A-D converter, and I2C-BUS interface.
FEATURES
qBasic machine-language instructions ...................................... 71
qMinimum instruction execution time .................................. 0.5
µs
(at 8 MHz oscillation frequency)
qMemory size
ROM ............................................................... 16 K to 32 K bytes
RAM .................................................................... 512 to 1 K bytes
qProgrammable input/output ports ............................................ 40
qInterrupts ................................................. 17 sources, 16 vectors
qTimers ............................................................................. 8-bit ✕ 4
qSerial I/O1 ................... 8-bit ✕ 1 (UART or Clock-synchronized)
qSerial I/O2 ................................... 8-bit ✕ 1(Clock-synchronized)
qMulti-master I2C-BUS interface (option) ...................... 1 channel
qPWM ............................................................................... 8-bit ✕ 1
qA-D converter ............................................... 10-bit ✕ 8 channels
qWatchdog timer ............................................................ 16-bit ✕ 1
PIN CONFIGURATION (TOP VIEW)
Fig. 1 M37516F8HP pin configuration
qClock generating circuit ..................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
In high-speed mode .................................................. 4.0 to 5.5 V
(at 8 MHz oscillation frequency)
In high-speed mode .................................................. 2.7 to 5.5 V
(at 4 MHz oscillation frequency)
In middle-speed mode ............................................... 2.7 to 5.5 V
(at 8 MHz oscillation frequency)
In low-speed mode .................................................... 2.7 to 5.5 V
(at 32 kHz oscillation frequency)
qPower dissipation
In high-speed mode .......................................................... 34 mW
(at 8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode
Except M37516F8HP ........................................................ 60
µW
M37516F8HP .................................................................. 450
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range .................................... –20 to 85°C
APPLICATION
Office automation equipment, FA equipment, Household products,
Consumer electronics, etc.
23
22
13
37
38
39
40
41
42
43
44
45
46
47
48
24
21
20
19
18
17
16
15
14
Package type : 48P6Q-A
P17/(LED7)
P12/(LED2)
P13/(LED3)
P14/(LED4)
P15/(LED5)
P16/(LED6)
VSS
XOUT
XIN
RESET
P20/XCOUT
P21/XCIN
P35/AN5
P34/AN4
P31/AN1
P30/AN0
VCC
AVSS
P47
P46
P33/AN3
P32/AN2
VREF
P45
M37516M8-XXXHP
REJ03B0042-0101Z
Rev.1.01
Jul 01, 2003


Similar Part No. - M37516F4-XXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37516F8HP MITSUBISHI-M37516F8HP Datasheet
232Kb / 12P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37516F8HP RENESAS-M37516F8HP Datasheet
236Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
More results

Similar Description - M37516F4-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com