Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38514E3-SP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M38514E3-SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38514E3-SP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M38514E3-SP Datasheet HTML 2Page - Renesas Technology Corp M38514E3-SP Datasheet HTML 3Page - Renesas Technology Corp M38514E3-SP Datasheet HTML 4Page - Renesas Technology Corp M38514E3-SP Datasheet HTML 5Page - Renesas Technology Corp M38514E3-SP Datasheet HTML 6Page - Renesas Technology Corp M38514E3-SP Datasheet HTML 7Page - Renesas Technology Corp M38514E3-SP Datasheet HTML 8Page - Renesas Technology Corp M38514E3-SP Datasheet HTML 9Page - Renesas Technology Corp M38514E3-SP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
Rev.1.01
Oct 15, 2003
page 6 of 89
3851 Group (Built-in 24 KB or more ROM)
Currently planning products are listed below.
RAM size (bytes)
Remarks
Package
Table 2 Support products
Product name
24576
(24446)
ROM size (bytes)
ROM size for User in (
)
M38514M6-XXXSP
M38514E6-XXXSP
M38514E6SP
M38514E6SS
M38514M6-XXXFP
M38514E6-XXXFP
M38514E6FP
42P4B
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
640
Table 4 Differences between 3851 group (built-in 16 KB ROM) and 3851 group (built-in 24 KB or more ROM)
Serial I/O
A-D converter
Large current port
3851 group (built-in 16 KB ROM)
1: Serial I/O
(UART or Clock-synchronized)
Unserviceable in low-speed mode
5: P13–P17
3851 group (built-in 24 KB or more ROM)
2: Serial I/O1 (UART or Clock-synchronized)
Serial I/O2 (Clock-synchronized)
Serviceable in low-speed mode
8: P10–P17
Notes on differences between 3851 group
(built-in 16 KB ROM), 3851 group (built-in 24
KB or more ROM)
(1) The absolute maximum ratings of 3851 group (built-in 24 KB or
more ROM) is smaller than that of 3851 group (built-in 16 KB
ROM).
•Power source voltage Vcc = –0.3 to 6.5 V
•CNVss input voltage
VI = –0.3 to Vcc +0.3 V (M38514M6, M38517M8)
VI = –0.3 to 6.5 V (M38517F8)
(2) The oscillation circuit constants of XIN-XOUT, XCIN-XCOUT may
be some differences between 3851 group (built-in 16 KB
ROM) and 3851 group (built-in 24 KB or more ROM).
(3) Do not write any data to the reserved area and the reserved
bit. (Do not change the contents after reset.)
(4) Fix bit 3 of the CPU mode register to “1”.
(5) Be sure to perform the termination of unused pins.
42S1B-A
42P2R-A/E
Table 3 3851 group (built-in 16 KB ROM) and 3851 group (built-in 24 KB or
more ROM) corresponding products
3851 group (built-in 16 KB ROM)
M38513M4-XXXFP/SP
M38513E4-XXXFP/SP
M38513E4FP/SP
M38513E4SS
3851 group (built-in 24 KB or more ROM)
M38514M6-XXXFP/SP
M38514E6-XXXFP/SP
M38514E6FP/SP
M38514E6SS
M38517M8-XXXFP/SP
M38517F8FP/SP


Similar Part No. - M38514E3-SP

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
M38510 ROCHESTER-M38510 Datasheet
642Kb / 1P
   DUAL SPST ANALOG SWITCH with CMOS and TTL versatility made from original Intersil wafers
logo
Texas Instruments
M38510 TI1-M38510 Datasheet
940Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
M38510 TI-M38510 Datasheet
329Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI1-M38510 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
More results

Similar Description - M38514E3-SP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com