Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37512F8HHP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M37512F8HHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37512F8HHP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M37512F8HHP Datasheet HTML 7Page - Renesas Technology Corp M37512F8HHP Datasheet HTML 8Page - Renesas Technology Corp M37512F8HHP Datasheet HTML 9Page - Renesas Technology Corp M37512F8HHP Datasheet HTML 10Page - Renesas Technology Corp M37512F8HHP Datasheet HTML 11Page - Renesas Technology Corp M37512F8HHP Datasheet HTML 12Page - Renesas Technology Corp M37512F8HHP Datasheet HTML 13Page - Renesas Technology Corp M37512F8HHP Datasheet HTML 14Page - Renesas Technology Corp M37512F8HHP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
Feb 18, 2005
page 11 of 85
REJ03B0122-0101
7512 Group
Pin
Port P0
Port P1
Port P2
Port P3
Port P4
Input/output,
individual bits
CMOS compatible input level
CMOS 3-state output
CMOS compatible input level
N-channel open-drain output
CMOS compatible input level
CMOS 3-state output
CMOS compatible input level
CMOS/SMBUS input level
(when selecting I2C-BUS
interface function)
N-channel open-drain output
CMOS compatible input level
CMOS 3-state output
CMOS compatible input level
N-channel open-drain output
CMOS compatible input level
CMOS 3-state output
Table 5 I/O port function
I/O PORTS
The I/O ports have direction registers which determine the input/
output direction of each individual pin. Each bit in a direction reg-
ister corresponds to one pin, and each pin can be set to be input
port or output port.
When “0” is written to the bit corresponding to a pin, that pin be-
comes an input pin. When “1” is written to that bit, that pin
becomes an output pin.
P00/SIN2
P01/SOUT2
P02/SCLK2
__________
P03/SRDY2
P04/AN8
P05/AN9
P06/CFETCNT/AN10
P07/AN11/PWM1
P10–P17
P20/XCOUT
P21/XCIN
P22/SDA1
P23/SCL1
P24/SDA2/RxD
P25/SCL2/TxD
P26/SCLK
P27/CNTR0/
__________
SRDY1
P30/AN0
P35/AN5
P40/CNTR1
P41/INT0
P42/INT1
P43/INT2/SCMP2
P44/INT3/PWM0
P45/DFETCNT
Serial I/O2 control register
AD control register
MISRG2
AD control register, MISRG2
Charge over current detect
control register
AD control register, MISRG2
PWM control register
CPU mode register
MISRG2
I2C control register
I2C control register
Serial I/O1 control register
Serial I/O1 control register
Serial I/O1 control register
Timer XY mode register
AD control register
MISRG2
Timer XY mode register
Interrupt edge selection
register 1
Interrupt edge selection
register 2
Serial I/O2 control register
Interrupt edge selection
register 2
PWM control register
Short current detect control
register
Over current detect control
register
Wake up current detect
control register
Serial I/O2 function I/O
A/D conversion input
A/D conversion input
Over current detector
output
A/D conversion input
PWM output
Sub-clock generating
circuit
I2C-BUS interface
function I/O
I2C-BUS interface
function I/O
Serial I/O1 function I/O
Serial I/O1 function I/O
Serial I/O1 function I/O
Timer X function I/O
A/D conversion input
Timer Y function I/O
External interrupt input
External interrupt input
SCMP2 output
External interrupt input
PWM output
Over current detector
output
If data is read from a pin which is set to output, the value of the
port output latch is read, not the value of the pin itself. Pins set to
input are floating. If a pin set to input is written to, only the port
output latch is written to and the pin remains floating.
Name
Input/Output
I/O Structure
Non-Port Function
Related SFRs
Ref.No.
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
(15)
(16)
(17)
(6)
(18)
(19)
(20)
(21)
(22)


Similar Part No. - M37512F8HHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37510E1156FP MITSUBISHI-M37510E1156FP Datasheet
614Kb / 43P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37510E2156FP MITSUBISHI-M37510E2156FP Datasheet
614Kb / 43P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37510E3156FP MITSUBISHI-M37510E3156FP Datasheet
614Kb / 43P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37510E4156FP MITSUBISHI-M37510E4156FP Datasheet
614Kb / 43P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37510E5156FP MITSUBISHI-M37510E5156FP Datasheet
614Kb / 43P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37512F8HHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com