Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7513 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 4Page - Renesas Technology Corp 7513 Datasheet HTML 5Page - Renesas Technology Corp 7513 Datasheet HTML 6Page - Renesas Technology Corp 7513 Datasheet HTML 7Page - Renesas Technology Corp 7513 Datasheet HTML 8Page - Renesas Technology Corp 7513 Datasheet HTML 9Page - Renesas Technology Corp 7513 Datasheet HTML 10Page - Renesas Technology Corp 7513 Datasheet HTML 11Page - Renesas Technology Corp 7513 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
7
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
GROUP EXPANSION
Mitsubishi plans to expand the 7513 group as follows:
Memory Type
Support for Mask ROM, One Time PROM, and EPROM versions
Memory Size
ROM/PROM size ............................................... 32 K to 60 K bytes
RAM size .......................................................... 1024 to 2048 bytes
Package
100PFB-A ................................ 0.4 mm-pitch plastic molded TQFP
100P6Q-A ................................ 0.5 mm-pitch plastic molded LQFP
100D0 ..................... Window type ceramic LCC (EPROM version)
Currently supported products are listed below.
Memory Expansion Plan
Remarks
Package
Product
As of Nov. 2000
RAM size (bytes)
32768
(32638)
(P) ROM size (bytes)
ROM size for User in (
)
Fig. 5 Memory expansion plan
Table 3 List of supported products
M37513M8-XXXHP
M37513M8-XXXGP
M37513EFHP
M37513EFGP
M37513EFFS
1024
100PFB-A
100P6Q-A
100PFB-A
100P6Q-A
100D0
Mask ROM version
Mask ROM version
One Time PROM version (blank)
One Time PROM version (blank)
EPROM version
Note: Products under development or planning: the development schedule and specifications
may be revised without notice.
ROM size (bytes)
32 K
28 K
24 K
20 K
16 K
12 K
8 K
4 K
256
384
512
640
768
896
1024
192
RAM size (bytes)
2048
1920
115212801408
153616641792
36 K
40 K
44 K
48 K
52 K
56 K
60 K
Mass production
M37513M8
Under development
M37513EF
2048
61440
(61310)


Similar Part No. - 7513

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75134-1000 MOLEX9-75134-1000 Datasheet
285Kb / 5P
   1.27mm (.050) Pitch DMS-59짰 Receptacle, Shielded, Right Angle
75134-1001 MOLEX9-75134-1001 Datasheet
285Kb / 5P
   1.27mm (.050) Pitch DMS-59짰 Receptacle, Shielded, Right Angle
75135-1000 MOLEX9-75135-1000 Datasheet
145Kb / 4P
   1.27mm (.050) Pitch DMS-59짰 Cable Plug Subassembly, Shielded
75135-1009 MOLEX9-75135-1009 Datasheet
164Kb / 4P
   1.27mm (.050) Pitch DMS-59짰 Cable Plug Subassembly, Shielded
logo
Texas Instruments
75136 TI-75136 Datasheet
115Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVER WITH 3-STATE OUTPUT
More results

Similar Description - 7513

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com