Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37280MKH-XXXSP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M37280MKH-XXXSP
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37280MKH-XXXSP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M37280MKH-XXXSP Datasheet HTML 1Page - Renesas Technology Corp M37280MKH-XXXSP Datasheet HTML 2Page - Renesas Technology Corp M37280MKH-XXXSP Datasheet HTML 3Page - Renesas Technology Corp M37280MKH-XXXSP Datasheet HTML 4Page - Renesas Technology Corp M37280MKH-XXXSP Datasheet HTML 5Page - Renesas Technology Corp M37280MKH-XXXSP Datasheet HTML 6Page - Renesas Technology Corp M37280MKH-XXXSP Datasheet HTML 7Page - Renesas Technology Corp M37280MKH-XXXSP Datasheet HTML 8Page - Renesas Technology Corp M37280MKH-XXXSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 171 page
background image
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
REJ03B0130-0100Z
Rev.1.00
Apr 01, 2002
Rev.1.00
Apr 01, 2002
page 1 of 169
REJ03B0130-0100Z
M37280MFH–XXXSP, M37280MKH–XXXSP, M37280EKSP
1. DESCRIPTION
The M37280MFH–XXXSP and M37280MKH-XXXSP are single-chip
microcomputers designed with CMOS silicon gate technology. They
have a OSD function and a data slicer function, so it is useful for a
channel selection system for TV with a closed caption decoder.
The feautures of the M37280EKSP is similar to those of the
M37280MKH-XXXSP except that the chip has a built-in PROM which
can be written electrically. The difference between M37280MKH-
XXXSP and M37280MFH-XXXSP are the ROM size and RAM size.
Accordingly, the following descriptions will be for the M37280MKH-
XXXSP.
2. FEATURES
qNumber of basic instructions .................................................... 71
qMemory size
ROM ................... 60K bytes (M37280MFH-XXXSP)
80K bytes (M37280MKH-XXXSP,
-M37280EKSP)
RAM .................. 1088 bytes (M37280MFH-XXXSP)
1536 bytes (M37280MKH-XXXSP,
M37280EKSP)
(*ROM correction memory included)
qMinimum instruction execution time
......................................... 0.5
µs (at 8 MHz oscillation frequency)
qPower source voltage ................................................. 5 V ± 10 %
qSubroutine nesting ............................................. 128 levels (Max.)
qInterrupts ....................................................... 19 types, 16 vectors
q8-bit timers .................................................................................. 6
qProgrammable I/O ports (Ports P0, P1, P2, P30, P31) ............. 26
qInput ports (Ports P40–P46, P63, P64, P70–P72) ...................... 12
qOutput ports (Ports P32, P47, P5, P60–P62, P65–P67) .............. 16
qLED drive ports ........................................................................... 2
qSerial I/O ............................................................ 8-bit ✕ 1 channel
qMulti-master I2C-BUS interface .............................. 1 (2 systems)
qA-D converter (8-bit resolution) .................................... 8 channels
qPWM output circuit ......................................................... 8-bit ✕ 8
qPower dissipation
In high-speed mode ......................................................... 165 mW
(at VCC = 5.5V, 8 MHz oscillation frequency, CRT on, and Data
slicer on)
In low-speed mode ......................................................... 0.33 mW
(at VCC = 5.5V, 32 kHz oscillation frequency)
qROM correction function
qClosed caption data slicer .............................................. 2 vectors
qOSD function
Display characters .... 32 characters ✕ 16 lines + RAM font (1 character)
(CC/OSD mode)(CDOSD mode)(RAM font)
Kinds of characters ......... 510 kinds
+ 62 kinds
+ 1 kind
(Coloring unit)
(a character) (a dot)
(a dot)
Triple layer function .......................................................................
2 layers selected from CC/CDOSD/OSD mode + RAM font layer
Character display area .............. CC/CDOSD mode: 16 ✕ 26 dots
OSD mode/RAM font: 16 ✕ 20 dots
Kinds of character sizes .................... CC mode/RAM font: 4 kinds
OSD/CDOSD mode: 14 kinds
Kinds of character colors ..............................................................
64 colors (4 adjustment levels for each R, G, B)
Coloring unit ............ dot, character, character background, raster
Blanking output OUT1, OUT2
Display position
Horizontal: 256 levels
Vertical :1024 levels
(RAM font can be set independently)
Attribute ........................................................................................
CC mode: smooth italic, underline, flash, automatic solid space
OSD mode: border, shadow
Window/Blank function
3. APPLICATION
TV with a closed caption decoder


Similar Part No. - M37280MKH-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37280MK MITSUBISHI-M37280MK Datasheet
1Mb / 178P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37280MK-103SP MITSUBISHI-M37280MK-103SP Datasheet
1Mb / 178P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37280MK-104SP MITSUBISHI-M37280MK-104SP Datasheet
1Mb / 178P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37280MK-114SP MITSUBISHI-M37280MK-114SP Datasheet
1Mb / 178P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37280MK-206SP MITSUBISHI-M37280MK-206SP Datasheet
1Mb / 178P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results

Similar Description - M37280MKH-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com