Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37225M6 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M37225M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37225M6 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M37225M6 Datasheet HTML 5Page - Renesas Technology Corp M37225M6 Datasheet HTML 6Page - Renesas Technology Corp M37225M6 Datasheet HTML 7Page - Renesas Technology Corp M37225M6 Datasheet HTML 8Page - Renesas Technology Corp M37225M6 Datasheet HTML 9Page - Renesas Technology Corp M37225M6 Datasheet HTML 10Page - Renesas Technology Corp M37225M6 Datasheet HTML 11Page - Renesas Technology Corp M37225M6 Datasheet HTML 12Page - Renesas Technology Corp M37225M6 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 126 page
background image
M37225M6/M8/MA/MC-XXXSP, M37225ECSP
Rev.1.00
Nov 01, 2000
page 9 of 124
REJ03B0136-0100Z
Fig. 7.1 I/O Pin Block Diagram (1)
N-channel open-drain output
Ports P00–P05
Note : Each port is also used as follows :
P00–P05 : PWM0–PWM5
N-channel open-drain output
Ports P06, P07, P32
Note : Each port is also used as follows :
P06 : INT2/A-D4
P07 : INT1
CMOS output
Ports P1, P2, P30, P31, P35
Notes 1: Each port is also used as follows :
P10 : OUT2/AD8
P22 : SIN
P11 : SCL1
P23 : TIM3
P12 : SCL2
P24 : TIM2
P13 : SDA1
P30 : A-D5
P14 : SDA2
P31 : A-D6
P15 : INT3/A-D1
P35 : DA1
P16 : A-D2
P17 : DA2/A-D3
P20 : SCLK
P21 : SOUT/(SIN)
2: Either CMOS output or N-channel open-
drain output structure can be selected as
ports P30, P31 and P35 (when selecting
N-channel open-drain, it is the same with
N-channel open-drain output below).
Ports P1, P2, P30, P31
Data bus
Ports P00–P05
Data bus
Ports P06, P07, P32
Data bus
Direction register
Port latch
Direction register
Port latch
Direction register
Port latch


Similar Part No. - M37225M6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37225M6 MITSUBISHI-M37225M6 Datasheet
1Mb / 133P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37225M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com