Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4583 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 4583
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4583 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 4583 Datasheet HTML 33Page - Renesas Technology Corp 4583 Datasheet HTML 34Page - Renesas Technology Corp 4583 Datasheet HTML 35Page - Renesas Technology Corp 4583 Datasheet HTML 36Page - Renesas Technology Corp 4583 Datasheet HTML 37Page - Renesas Technology Corp 4583 Datasheet HTML 38Page - Renesas Technology Corp 4583 Datasheet HTML 39Page - Renesas Technology Corp 4583 Datasheet HTML 40Page - Renesas Technology Corp 4583 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 153 page
background image
Rev.3.00
Aug 06, 2004
page 37 of 151
REJ03B0009-0300Z
4583 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
LA
0
; (✕0✕✕2)
TV1A
; The SNZT1 instruction is valid ........ ➀
LA
0
; (✕0✕✕2)
TW5A
; Period measurement circuit stop
NOP
........................................................... ➁
SNZT1
; The SNZT1 instruction is executed
(T1F flag cleared)
NOP
........................................................... ➂
✕ : these bits are not used here.
Fig. 27 Period measurement circuit program example
(7) Period measurement function (Timer 1,
period measurement circuit)
Timer 1 has the period measurement circuit which performs timer
count operation synchronizing with the one cycle of the signal di-
vided by 16 of an on-chip oscillator, D6/CNTR0 pin input, or P30/
INT0 pin input (one cycle, “H”, or “L” pulse width at the case of a
P30/INT0 pin input).
When the target signal for period measurement is set by bits 0
and 1 of register W5, a period measurement circuit is started by
setting the bit 2 of register W5 to “1”.
Then, if a XIN input is set as the count source of a timer 1 and the
bit 2 of register W1 is set to “1”, timer 1 starts operation.
Timer 1 starts operation synchronizing with the falling edge of the
target signal for period measurement, and stops count operation
synchronizing with the next falling edge (one-period generation
circuit).
When selecting D6/CNTR0 pin input as target signal for period
measurement, the period measurement synchronous edge can
be changed into a rising edge by setting the bit 2 of register W6
to “1”.
When selecting P30/INT0 pin input as target signal for period
measurement, period measurement synchronous edge can be
changed into a rising edge by setting the bit 2 of register I1 to “1”.
A timer 1 interrupt request flag (T1F) is set to “1” after completing
measurement operation.
When a period measurement circuit is set to be operating, timer
1 interrupt request flag (T1F) is not set by timer 1 underflow sig-
nal, but turns into a flag which detects the completion of period
measurement.
In addition, a timer 1 underflow signal can be used as timer 2
count source.
Once period measurement operation is completed, even if period
measurement valid edge is input next, timer 1 is in a stop state
and measurement data is held.
When a period measurement circuit is used again, stop a period
measurement circuit at once by setting the bit 2 of register W5 to
“0”, and change a period measurement circuit into a state of op-
eration by setting the bit 2 of register W5 to “1” again.
When a period measurement circuit is used, clear bit 0 of regis-
ter I1 to “0”, and set a timer 1 count start synchronous circuit to
be “not selected”.
Start timer operation immediately after operation of a period
measurement circuit is started.
When the target edge for measurement is input until timer opera-
tion is started from the operation of period measurement circuit is
started, the count operation is not executed until the timer opera-
tion becomes valid. Accordingly, be careful of count data.
When data is read from timer, stop the timer and clear bit 2 of
register W5 to “0” to stop the period measurement circuit, and
then execute the data read instruction.
Depending on the state of timer 1, the timer 1 interrupt request
flag (T1F) may be set to “1” when the period measurement cir-
cuit is stopped by clearing bit 2 of register W5 to “0”. In order to
avoid the occurrence of an unexpected interrupt, clear the bit 2 of
register V1 to “0” (refer to Figure 27➀) and then, stop the bit 2 of
register W5 to “0” to stop the period measurement circuit.
In addition, execute the SNZT1 instruction to clear the T1F flag
after executing at least one instruction (refer to Figure 27➁).
Also, set the NOP instruction for the case when a skip is per-
formed with the SNZT1 instruction (refer to Figure 27➂).
When a period measurement circuit is used, select the suffi-
ciently higher-speed frequency than the signal for measurement
for the count source of a timer 1.
When the target signal for period measurement is D6/CNTR0 pin
input, do not select D6/CNTR0 pin input as timer 1 count source.
(The XIN input is recommended as timer 1 count source at the
time of period measurement circuit use.)
(8) Pulse width measurement function (timer
1, period measurement circuit)
A period measurement circuit can measure “H” pulse width (from
rising to falling) or “L” pulse width (from falling to rising) of P30/
INT0 pin input (pulse width measurement function) when the fol-
lowing is set;
• Set the bit 0 of register W5 to “0”, and set a bit 1 to “1” (target
for period measurement circuit: 30/INT0 pin input).
• Set the bit 1 of register I1 to “1” (INT0 pin edge detection circuit:
both edges detection)
The measurement pulse width (“H” or “L”) is decided by the pe-
riod measurement circuit and the P30/INT0 pin input level at the
start time of timer operation.
At the time of the start of a period measurement circuit and timer
operation, “L” pulse width (from falling to rising) when the input
level of P30/INT0 pin is “H” or “H” pulse width (from rising to fall-
ing) when its level is “L” is measured.
When the input of P30/INT0 pin is selected as the target for mea-
surement, set the bit 3 of register I1 to “1”, and set the input of
INT0 pin to be enabled.


Similar Part No. - 4583

ManufacturerPart #DatasheetDescription
logo
Heyco.
4583 HEYCO-4583 Datasheet
267Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4583-1032-AL RAF-4583-1032-AL Datasheet
112Kb / 1P
   5/6 HEX MALE FEMALE STANDOFFS
4583-1032-SS RAF-4583-1032-SS Datasheet
112Kb / 1P
   5/6 HEX MALE FEMALE STANDOFFS
logo
Molex Electronics Ltd.
45830-0007 MOLEX6-45830-0007 Datasheet
503Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz Plug, 91 Circuits, 8.00mm (.314") Unmated Height, 7 Rows
45830-0015 MOLEX-45830-0015 Datasheet
903Kb / 2P
   HD Mezz??Connectors
More results

Similar Description - 4583

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com