Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38B71M4 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M38B71M4
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B71M4 Datasheet(HTML) 5 Page - Renesas Technology Corp

  M38B71M4 Datasheet HTML 1Page - Renesas Technology Corp M38B71M4 Datasheet HTML 2Page - Renesas Technology Corp M38B71M4 Datasheet HTML 3Page - Renesas Technology Corp M38B71M4 Datasheet HTML 4Page - Renesas Technology Corp M38B71M4 Datasheet HTML 5Page - Renesas Technology Corp M38B71M4 Datasheet HTML 6Page - Renesas Technology Corp M38B71M4 Datasheet HTML 7Page - Renesas Technology Corp M38B71M4 Datasheet HTML 8Page - Renesas Technology Corp M38B71M4 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
4
Table 1 Pin description (1)
Pin
Name
Function
VCC, VSS
Power source
• Apply voltage of 4.0–5.5 V to VCC
, and 0 V to VSS.
CNVSS
CNVSS
• Connect to VSS.
• VPP power input pin in flash memory mode.
VEE
Pull-down
• Apply voltage supplied to pull-down resistors of ports P0, P1, P2 and P3.
power source
VREF
Reference voltage
• Reference voltage input pin for A-D converter.
AVSS
Analog power
• Analog power source input pin for A-D converter.
source
• Connect to VSS.
______
RESET
Reset input
• Reset input pin for active “L”.
XIN
Clock input
• Input and output pins for the main clock generating circuit.
• Feedback resistor is built in between XIN pin and XOUT pin.
• Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set the
XOUT
Clock output
oscillation frequency.
• When an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open.
• The clock is used as the oscillating source of system clock.
P00/FLD8
Output port P0
• 8-bit output port.
• FLD automatic display
P07/FLD15
• High-breakdown-voltage P-channel open-drain output structure.
pins
• A pull-down resistor is built in between port P0 and the VEE pin.
• At reset, this port is set to VEE level.
P10/FLD16– I/O port P1
• 8-bit I/O port.
• FLD automatic display
P17/FLD23
• I/O direction register allows each pin to be individually programmed as either pins
input or output.
• At reset, this port is set to input mode.
• Low-voltage input level.
• High-breakdown-voltage P-channel open-drain output structure.
• A pull-down resistor is built in between port P1 and the VEE pin.
• At reset, this port is set to VEE level.
P20/FLD0
Output port P2
• 8-bit output port with the same function as port P0.
• FLD automatic display
P27/FLD7
• High-breakdown-voltage P-channel open-drain output structure.
pins
• A pull-down resistor is built in between port P2 and the VEE pin.
• At reset, this port is set to VEE level.
P30/FLD24
I/O port P3
• 8-bit I/O port with the same function as port P1.
• FLD automatic display
P37/FLD31
• Low-voltage input level.
pins
• High-breakdown-voltage P-channel open-drain output structure.
• A pull-down resistor is built in between port P3 and the VEE pin.
• At reset, this port is set to VEE level.
P40/FLD32– I/O port P4
• 8-bit I/O port with the same function as port P1.
• FLD automatic display
P47/FLD39
• Low-voltage input level.
pins
• High-breakdown-voltage P-channel open-drain output structure.
• A pull-down resistor is not built in between port P4 and the VEE pin.
P50/FLD40– I/O port P5
• 8-bit I/O port with the same function as port P1.
• FLD automatic display
P57/FLD47
• Low-voltage input level.
pins
• High-breakdown-voltage P-channel open-drain output structure.
• A pull-down resistor is not built in between port P5 and the VEE pin.
P60/FLD48– I/O port P6
• 4-bit I/O port with the same function as port P1.
• FLD automatic display
P63/FLD51
• Low-voltage input level.
pins
• High-breakdown-voltage P-channel open-drain output structure.
• A pull-down resistor is not built in between port P6 and the VEE pin.
Function except a port function


Similar Part No. - M38B71M4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38B71M4H-AXXXFP RENESAS-M38B71M4H-AXXXFP Datasheet
4Mb / 415P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38B71M4

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com