Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4554 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 4554
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4554 Datasheet(HTML) 4 Page - Renesas Technology Corp

  4554 Datasheet HTML 1Page - Renesas Technology Corp 4554 Datasheet HTML 2Page - Renesas Technology Corp 4554 Datasheet HTML 3Page - Renesas Technology Corp 4554 Datasheet HTML 4Page - Renesas Technology Corp 4554 Datasheet HTML 5Page - Renesas Technology Corp 4554 Datasheet HTML 6Page - Renesas Technology Corp 4554 Datasheet HTML 7Page - Renesas Technology Corp 4554 Datasheet HTML 8Page - Renesas Technology Corp 4554 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 138 page
background image
Rev.3.00
Aug 06, 2004
page 4 of 136
REJ03B0043-0300Z
4554 Group
PERFORMANCE OVERVIEW
Function
136
0.5
µs (at 6 MHz oscillation frequency, in high-speed through mode)
8192 words ✕ 10 bits
12288 words ✕ 10 bits
16384 words ✕ 10 bits
512 words ✕ 4 bits (including LCD display RAM 32 words ✕ 4 bits)
Eight independent I/O ports.
Input is examined by skip decision.
The output structure can be switched by software.
Port D7 is also used as CNTR0 pin.
Two independent output ports.
Ports D8 and D9 are also used as INT0 and INT1, respectively.
4-bit I/O port; A pull-up function, a key-on wakeup function and output structure can be switched
by software.
4-bit I/O port; A pull-up function, a key-on wakeup function and output structure can be switched
by software.
4-bit input port; Port P20–P23 are also used as SEG31–SEG28 pins.
4-bit input port; Port P30–P33 are also used as SEG27–SEG24 pins.
1-bit output; Port C is also used as CNTR1 pin.
8-bit programmable timer with a reload register and has an event counter.
8-bit programmable timer with a reload register.
8-bit programmable timer with a reload register and has an event counter.
8-bit programmable timer with two reload registers.
16-bit timer, fixed dividing frequency
1/2, 1/3 bias
2, 3, 4 duty
4
32
2r ✕ 3, 2r ✕ 2, r ✕ 3, r ✕ 2 (they can be switched by software.)
7 (two for external, five for timer)
1 level
8 levels
CMOS silicon gate
64-pin plastic molded QFP (64P6N)
–20 °C to 85 °C
2 to 5.5 V (It depends on the operation source clock, operation mode and oscillation frequency.)
2.5 to 5.5 V (It depends on the operation source clock, operation mode and oscillation frequency.)
2.8 mA (Ta=25°C, VDD = 5 V, f(XIN) = 6 MHz, f(XCIN) = 32 kHz, f(STCK) = f(XIN))
20
µA (Ta=25°C, VDD = 5 V, f(XCIN) = 32 kHz)
0.1
µA (Ta=25°C, VDD = 5 V)
Parameter
Number of basic instructions
Minimum instruction execution time
Memory sizes
Input/Output
ports
Timers
LCD control
circuit
Interrupt
Subroutine nesting
Device structure
Package
Operating temperature range
Supply
voltage
Power
dissipation
ROM
RAM
D0–D7
D8, D9
P00–P03
P10–P13
P20–P23
P30–P33
C
Timer 1
Timer 2
Timer 3
Timer 4
Timer 5
Selective bias value
Selective duty value
Common output
Segment output
Internal resistor for
power supply
Sources
Nesting
Mask ROM version
One Time PROM version
Active mode
Clock operating mode
At RAM back-up
M34554M8
M34554MC
M34554ED
I/O
Output
I/O
I/O
Input
Input
Output


Similar Part No. - 4554

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4554 ETC2-4554 Datasheet
246Kb / 2P
   Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
Heyco.
4554 HEYCO-4554 Datasheet
393Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
API Delevan
4554-100K API-4554-100K Datasheet
1Mb / 1P
   Radial Lead Inductors
4554-101K API-4554-101K Datasheet
1Mb / 1P
   Radial Lead Inductors
4554-102K API-4554-102K Datasheet
1Mb / 1P
   Radial Lead Inductors
More results

Similar Description - 4554

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com