Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M34508G4HGP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M34508G4HGP
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34508G4HGP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M34508G4HGP Datasheet HTML 1Page - Renesas Technology Corp M34508G4HGP Datasheet HTML 2Page - Renesas Technology Corp M34508G4HGP Datasheet HTML 3Page - Renesas Technology Corp M34508G4HGP Datasheet HTML 4Page - Renesas Technology Corp M34508G4HGP Datasheet HTML 5Page - Renesas Technology Corp M34508G4HGP Datasheet HTML 6Page - Renesas Technology Corp M34508G4HGP Datasheet HTML 7Page - Renesas Technology Corp M34508G4HGP Datasheet HTML 8Page - Renesas Technology Corp M34508G4HGP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
DESCRIPTION
The 4508 Group is a 4-bit single-chip microcomputer designed with
CMOS technology. Its CPU is that of the 4500 series using a simple,
high-speed instruction set. The computer is equipped with two 8-bit
timers (each timer has two reload registers), interrupts, 10-bit A/D
converter, Serial interface and oscillation circuit switch function.
FEATURES
qMinimum instruction execution time .................................. 0.5
µs
(at 6 MHz oscillation frequency, in through-mode)
qSupply voltage .......................................................... 1.8 V to 5.5 V
(It depends on operation source clock, oscillation frequency and
operating mode.)
qTimers
Timer 1 ................................. 8-bit timer with two reload registers
Timer 2 ................................. 8-bit timer with two reload registers
qInterrupt ........................................................................ 5 sources
Part number
M34508G4FP (Note)
M34508G4-XXXFP
M34508G4HFP (Note)
M34508G4H-XXXFP
M34508G4GP * (Note)
M34508G4-XXXGP *
M34508G4HGP * (Note)
M34508G4H-XXXGP *
ROM type
QzROM
QzROM
QzROM
QzROM
QzROM
QzROM
QzROM
QzROM
Package
PRSP0020DA-A
PRSP0020DA-A
PRSP0020DA-A
PRSP0020DA-A
PLSP0020JB-A
PLSP0020JB-A
PLSP0020JB-A
PLSP0020JB-A
RAM size
(✕ 4 bits)
256 words
256 words
256 words
256 words
256 words
256 words
256 words
256 words
ROM (PROM) size
(✕ 10 bits)
4096 words
4096 words
4096 words
4096 words
4096 words
4096 words
4096 words
4096 words
qKey-on wakeup function pins ................................................... 12
qInput/Output port ...................................................................... 14
qA/D converter
10-bit successive comparison method ........................ 4 channel
qSerial intereface ............................................................. 8-bit ✕ 1
qVoltage drop detection circuit (only for H version)
Reset occurrence .................................... Typ. 2.6 V (Ta = 25 °C)
Reset release .......................................... Typ. 2.7 V (Ta = 25 °C)
qPower-on reset circuit (only for H version)
qWatchdog timer
qClock generating circuit (on-chip oscillator/ceramic resonator/RC
oscillation)
qLED drive directly enabled (port D)
APPLICATION
Electrical household appliance, consumer electronic products, office
automation equipment, etc.
Note: Shipped in blank.
*: Under development
Rev.1.02
2006.12.22
page 1 of 140
REJ03B0148-0102
4508 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
REJ03B0148-0102
Rev.1.02
2006.12.22
PIN CONFIGURATION
Pin configuration (top view) (4508 Group)
19
18
17
16
15
14
13
12
11
20
P12/CNTR0
P13/INT
D0
D1
P03
P02/SCK
P01/SOUT
P00/SIN
P11/CNTR1
P10
Outline FP: PRSP0020DA-A (20P2N-A)
GP: PLSP0020JB-A (20P2F-A)
2
3
4
5
6
7
8
9
10
1
P21/AIN1
XIN
XOUT
CNVSS
VSS
VDD
P20/AIN0
RESET
D3/AIN5
D2/AIN4


Similar Part No. - M34508G4HGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M34501E4FP MITSUBISHI-M34501E4FP Datasheet
1Mb / 113P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34501E4FP RENESAS-M34501E4FP Datasheet
844Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34501E4FP RENESAS-M34501E4FP Datasheet
2Mb / 212P
   4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
logo
Mitsubishi Electric Sem...
M34501M2 MITSUBISHI-M34501M2 Datasheet
1Mb / 113P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34501M2-XXXFP MITSUBISHI-M34501M2-XXXFP Datasheet
1Mb / 113P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results

Similar Description - M34508G4HGP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com