Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4513 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 6Page - Renesas Technology Corp 4513 Datasheet HTML 7Page - Renesas Technology Corp 4513 Datasheet HTML 8Page - Renesas Technology Corp 4513 Datasheet HTML 9Page - Renesas Technology Corp 4513 Datasheet HTML 10Page - Renesas Technology Corp 4513 Datasheet HTML 11Page - Renesas Technology Corp 4513 Datasheet HTML 12Page - Renesas Technology Corp 4513 Datasheet HTML 13Page - Renesas Technology Corp 4513 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
9
Notes 1: The 4513 Group does not have P32 and P33.
2: The 4513 Group does not have these ports.
DEFINITION OF CLOCK AND CYCLE
q System clock
The system clock is the basic clock for controlling this product.
The system clock is selected by the bit 3 of the clock control reg-
ister MR.
PORT FUNCTION
Port
Port D
Port P0
Port P1
Port P2
Port P3
(Note 1)
Port P4
(Note 2)
Port P5
(Note 2)
I/O
unit
1
4
4
3
4
4
4
Control
instructions
SD, RD
SZD
CLD
OP0A
IAP0
OP1A
IAP1
IAP2
OP3A
IAP3
OP4A
IAP4
OP5A
IAP5
Control
registers
W6
PU0, K0
PU0, K0
J1
I1, I2
Q2
FR0
Output structure
N-channel open-drain
N-channel open-drain
N-channel open-drain
N-channel open-drain
N-channel open-drain
CMOS
Input
Output
I/O
(8)
I/O
(4)
I/O
(4)
Input
(3)
I/O
(4)
I/O
(4)
I/O
(4)
Remark
Built-in programmable pull-up
functions
Key-on wakeup functions
(programmable)
Built-in programmable pull-up
functions
Key-on wakeup functions
(programmable)
Built-in key-on wakeup
function
(P30/INT0, P31/INT1)
Pin
D0–D5
D6/CNTR0
D7/CNTR1
P00–P03
P10–P13
P20/SCK
P21/SOUT
P22/SIN
P30/INT0
P31/INT1
P32, P33
P40/AIN4
–P43/AIN7
P50–P53
Register MR
MR3
0
1
System clock
f(XIN)
f(XIN)/2
Note: f(XIN)/2 is selected after system is released from reset.
q Instruction clock
The instruction clock is a signal derived by dividing the system
clock by 3. The one instruction clock cycle generates the one
machine cycle.
q Machine cycle
The machine cycle is the standard cycle required to execute the
instruction.
Table Selection of system clock


Similar Part No. - 4513

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
4513 RENESAS-4513 Datasheet
1Mb / 210P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Pomona Electronics
4513 POMONA-4513 Datasheet
72Kb / 1P
   Miniature Banana Plug with Threaded Stud
logo
Heyco.
4513 HEYCO-4513 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4513-440-AL RAF-4513-440-AL Datasheet
85Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4513-440-S RAF-4513-440-S Datasheet
85Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
More results

Similar Description - 4513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com