Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4508 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 4508
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4508 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 4508 Datasheet HTML 22Page - Renesas Technology Corp 4508 Datasheet HTML 23Page - Renesas Technology Corp 4508 Datasheet HTML 24Page - Renesas Technology Corp 4508 Datasheet HTML 25Page - Renesas Technology Corp 4508 Datasheet HTML 26Page - Renesas Technology Corp 4508 Datasheet HTML 27Page - Renesas Technology Corp 4508 Datasheet HTML 28Page - Renesas Technology Corp 4508 Datasheet HTML 29Page - Renesas Technology Corp 4508 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 142 page
background image
Rev.1.02
2006.12.22
page 26 of 140
REJ03B0148-0102
4508 Group
TIMERS
The 4508 Group has the following timers.
• Programmable timer
The programmable timer has a reload register and enables the
frequency dividing ratio to be set. It is decremented from a setting
value n. When it underflows (count to n + 1), a timer interrupt re-
quest flag is set to “1,” new data is loaded from the reload register,
and count continues (auto-reload function).
• Fixed dividing frequency timer
The fixed dividing frequency timer has the fixed frequency dividing
ratio (n). An interrupt request flag is set to “1” after every n count of
a count pulse.
Fig. 21 Auto-reload function
Count source
• Instruction clock (INSTCK)
• PWM2 signal (PWMOD2)
• Prescaler output (ORCLK)
• CNTR1 input
• On-chip oscillator clock (f(RING))
• Timer 1 underflow (T1UDF)
• Prescaler output (ORCLK)
• CNTR0 input
• System clock (STCK)
• Instruction clock (INSTCK)
Structure
8-bit programmable
binary down counter
8-bit programmable
binary down counter
(link to INT input)
(with PWM output function)
8-bit programmable
binary down counter
(INT input period count
function)
(with PWM output function)
16-bit fixed dividing
frequency
Circuit
Prescaler
Timer 1
Timer 2
Watchdog
timer
Use of output signal
• Timer 1 and 2 count sources
• Timer 2 count source
• CNTR0 output
• Timer 1 interrupt
• Timer 1 count source
• CNTR1 output
• Timer 2 interrupt
• System reset (counting twice)
• Decision of flag WDF1
Frequency
dividing ratio
1 to 256
1 to 256
1 to 256
65536
Control
register
PA
W1
W5
W6
W2
W5
W6
-
The 4508 Group timer consists of the following circuits.
• Prescaler : 8-bit programmable timer
• Timer 1 : 8-bit programmable timer
• Timer 2 : 8-bit programmable timer
(Timers 1 and 2 have the interrupt function, respectively)
• 16-bit timer
Prescaler and timers 1 and 2 can be controlled with the timer control
registers PA, W1, W2 , W5 and W6. The 16-bit timer is a free counter
which is not controlled with the control register.
Each function is described below.
Table 9 Function related timers
FF16
n
0016
n : Counter initial value
Count starts
Reload
Reload
1st underflow
2nd underflow
n+1 count
n+1 count
Time
An interrupt occurs or
a skip instruction is executed.
Timer interrupt
request flag
“1”
“0”


Similar Part No. - 4508

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4508 3M-4508 Datasheet
31Kb / 8P
   Single-Coated Foam Tapes
logo
Heyco.
4508 HEYCO-4508 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4508-440-AL RAF-4508-440-AL Datasheet
92Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4508-440-SS RAF-4508-440-SS Datasheet
92Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4508-632-AL RAF-4508-632-AL Datasheet
98Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
More results

Similar Description - 4508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com