Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4508 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 4508
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4508 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 4508 Datasheet HTML 20Page - Renesas Technology Corp 4508 Datasheet HTML 21Page - Renesas Technology Corp 4508 Datasheet HTML 22Page - Renesas Technology Corp 4508 Datasheet HTML 23Page - Renesas Technology Corp 4508 Datasheet HTML 24Page - Renesas Technology Corp 4508 Datasheet HTML 25Page - Renesas Technology Corp 4508 Datasheet HTML 26Page - Renesas Technology Corp 4508 Datasheet HTML 27Page - Renesas Technology Corp 4508 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 142 page
background image
Rev.1.02
2006.12.22
page 24 of 140
REJ03B0148-0102
4508 Group
(2) External interrupt control registers
• Interrupt control register I1
Register I1 controls the valid waveform for the external 0 interrupt.
Set the contents of this register through register A with the TI1A in-
struction. The TAI1 instruction can be used to transfer the contents
of register I1 to register A.
Table 8 External interrupt control register
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: When the contents of I12 and I13 are changed, the external interrupt request flag EXF0 may be set.
I13
I12
I11
I10
INT pin input control bit (Note 2)
Interrupt valid waveform for INT pin/
return level selection bit (Note 2)
INT pin edge detection circuit control bit
INT pin
timer 1 control enable bit
Interrupt control register I1
R/W
TAI1/TI1A
at RAM back-up : state retained
at reset : 00002
INT pin input disabled
INT pin input enabled
Falling waveform (“L” level of INT pin is recognized with the SNZI0
instruction)/“L” level
Rising waveform (“H” level of INT pin is recognized with the SNZI0
instruction)/“H” level
One-sided edge detected
Both edges detected
Disabled
Enabled
0
1
0
1
0
1
0
1


Similar Part No. - 4508

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4508 3M-4508 Datasheet
31Kb / 8P
   Single-Coated Foam Tapes
logo
Heyco.
4508 HEYCO-4508 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4508-440-AL RAF-4508-440-AL Datasheet
92Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4508-440-SS RAF-4508-440-SS Datasheet
92Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4508-632-AL RAF-4508-632-AL Datasheet
98Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
More results

Similar Description - 4508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com