Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4508 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 4508
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4508 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 4508 Datasheet HTML 76Page - Renesas Technology Corp 4508 Datasheet HTML 77Page - Renesas Technology Corp 4508 Datasheet HTML 78Page - Renesas Technology Corp 4508 Datasheet HTML 79Page - Renesas Technology Corp 4508 Datasheet HTML 80Page - Renesas Technology Corp 4508 Datasheet HTML 81Page - Renesas Technology Corp 4508 Datasheet HTML 82Page - Renesas Technology Corp 4508 Datasheet HTML 83Page - Renesas Technology Corp 4508 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 142 page
background image
Rev.1.02
2006.12.22
page 80 of 140
REJ03B0148-0102
4508 Group
INDEX LIST OF INSTRUCTION FUNCTION (continued)
Group-
ing
Function
(Mj(DP))
← 1
j = 0 to 3
(Mj(DP))
← 0
j = 0 to 3
(Mj(DP)) = 0 ?
j = 0 to 3
(A) = (M(DP)) ?
(A) = n ?
n = 0 to 15
(PCL)
← a6–a0
(PCH)
← p (Note)
(PCL)
← a6–a0
(PCH)
← p (Note)
(PCL)
← (DR2–DR0, A3–A0)
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← 2
(PCL)
← a6–a0
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p (Note)
(PCL)
← a6–a0
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p (Note)
(PCL)
← (DR2–DR0, A3–A0)
(PC)
← (SK(SP))
(SP)
← (SP) – 1
(PC)
← (SK(SP))
(SP)
← (SP) – 1
(PC)
← (SK(SP))
(SP)
← (SP) – 1
Mnemonic
SB j
RB j
SZB j
SEAM
SEA n
B a
BL p, a
BLA p
BM a
BML p, a
BMLA p
RTI
RT
RTS
Group-
ing
Function
(INTE)
← 0
(INTE)
← 1
V10 = 0: (EXF0) = 1 ?
(EXF0)
← 0
V10 = 1: SNZ0 = NOP
I12 = 0 : (INT) = “L” ?
I12 = 1 : (INT) = “H” ?
(A)
← (V1)
(V1)
← (A)
(A)
← (V2)
(V2)
← (A)
(A)
← (I1)
(I1)
← (A)
(PA)
← (A)
(A)
← (W1)
(W1)
← (A)
(A)
← (W2)
(W2)
← (A)
(A)
← (W5)
(W5)
← (A)
(A)
← (W6)
(W6)
← (A)
(B)
← (TPS7–TPS4)
(A)
← (TPS3–TPS0)
(RPS7–RPS4)
← (B)
(TPS7–TPS4)
← (B)
(RPS3–RPS0)
← (A)
(TPS3–TPS0)
← (A)
(B)
← (T17–T14)
(A)
← (T13–T10)
Mnemonic
DI
EI
SNZ0
SNZI0
TAV1
TV1A
TAV2
TV2A
TAI1
TI1A
TPAA
TAW1
TW1A
TAW2
TW2A
TAW5
TW5A
TAW6
TW6A
TABPS
TPSAB
TAB1
Note: p is 0 to 31.


Similar Part No. - 4508

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4508 3M-4508 Datasheet
31Kb / 8P
   Single-Coated Foam Tapes
logo
Heyco.
4508 HEYCO-4508 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4508-440-AL RAF-4508-440-AL Datasheet
92Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4508-440-SS RAF-4508-440-SS Datasheet
92Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4508-632-AL RAF-4508-632-AL Datasheet
98Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
More results

Similar Description - 4508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com