Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4508 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 4508
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4508 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 4508 Datasheet HTML 69Page - Renesas Technology Corp 4508 Datasheet HTML 70Page - Renesas Technology Corp 4508 Datasheet HTML 71Page - Renesas Technology Corp 4508 Datasheet HTML 72Page - Renesas Technology Corp 4508 Datasheet HTML 73Page - Renesas Technology Corp 4508 Datasheet HTML 74Page - Renesas Technology Corp 4508 Datasheet HTML 75Page - Renesas Technology Corp 4508 Datasheet HTML 76Page - Renesas Technology Corp 4508 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 142 page
background image
4508 Group
Rev.1.02
2006.12.22
page 73 of 140
REJ03B0148-0102
0
1
0
1
W21
0
0
1
1
PWM1 function invalid
PWM1 function valid
Stop (state retained)
Operating
Count source
PWM2 signal
Prescaler output (ORCLK)
CNTR1 input
On-chip oscillator clock (f(RING))
PWM1 function control bit
Timer 1 control bit
PWM2 function invalid
PWM2 function valid
Stop (state retained)
Operating
Count source
Timer 1 underflow signal (T1UDF)
Prescaler output (ORCLK)
CNTR0 input
System clock (STCK)
PWM2 function control bit
Timer 2 control bit
Timer 2 count source selection bits
0
1
0
1
W20
0
1
0
1
Timer control register W1
R/W
TAW1/TW1A
at reset : 00002
at RAM back-up : 00002
at reset : 00002
Timer control register W2
R/W
TAW2/TW2A
at RAM back-up : 00002
at reset : 00002
W23
W22
W21
W20
0
1
Stop (state initialized)
Operating
Prescaler control bit
Timer control register PA
W
TPAA
at RAM back-up : 02
at reset : 02
PA0
P12 (I/O) / CNTR0 (input)
P12 (input) /CNTR0 (I/O)
Count auto-stop circuit not selected
Count auto-stop circuit selected
Count start synchronous circuit not selected
Count start synchronous circuit selected
Falling edge
Rising edge
P12/CNTR0 pin function selection bit
Timer 1 count auto-stop circuit
selection bit (Note 2)
Timer 1 count start synchronous circuit
selection bit (Note 3)
CNTR0 pin input count edge selection bit
0
1
0
1
0
1
0
1
Timer control register W5
at RAM back-up : state retained
at reset : 00002
W53
W52
W51
W50
R/W
TAW5/TW5A
P11 (I/O) / CNTR1 (input)
P11 (input) /CNTR1 (I/O)
Output auto-control circuit not selected
Output auto-control circuit selected
INT pin input period count circuit not selected
INT pin input period count circuit selected
Falling edge
Rising edge
P11/CNTR1 pin function selection bit
CNTR 1 pin output auto-control circuit
selection bit
Timer 2
INT pin input period count circuit selection bit
CNTR1 pin input count edge selection bit
0
1
0
1
0
1
0
1
Timer control register W6
at RAM back-up : state retained
at reset : 00002
W63
W62
W61
W60
R/W
TAW6/TW6A
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: This function is valid only when the INT pin/timer 1 control is enabled (I10=“1”) and the timer 1 count start synchronous circuit is selected (W51=“1”).
3: This function is valid only when the INT pin/timer 1 control is enabled (I10=“1”).
W13
W12
W11
W10
W11
0
0
1
1
W10
0
1
0
1
Timer 1 count source selection bits


Similar Part No. - 4508

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4508 3M-4508 Datasheet
31Kb / 8P
   Single-Coated Foam Tapes
logo
Heyco.
4508 HEYCO-4508 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4508-440-AL RAF-4508-440-AL Datasheet
92Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4508-440-SS RAF-4508-440-SS Datasheet
92Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4508-632-AL RAF-4508-632-AL Datasheet
98Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
More results

Similar Description - 4508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com