Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4508 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # 4508
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4508 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button 4508 Datasheet HTML 54Page - Renesas Technology Corp 4508 Datasheet HTML 55Page - Renesas Technology Corp 4508 Datasheet HTML 56Page - Renesas Technology Corp 4508 Datasheet HTML 57Page - Renesas Technology Corp 4508 Datasheet HTML 58Page - Renesas Technology Corp 4508 Datasheet HTML 59Page - Renesas Technology Corp 4508 Datasheet HTML 60Page - Renesas Technology Corp 4508 Datasheet HTML 61Page - Renesas Technology Corp 4508 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 142 page
background image
Rev.1.02
2006.12.22
page 58 of 140
REJ03B0148-0102
4508 Group
(5) External clock
When the external signal clock is used for the main clock (f(XIN)),
connect the XIN pin to the clock source and leave XOUT pin open
(Figure 54). Do not execute the CRCK instruction in program.
Be careful that the maximum value of the oscillation frequency when
using the external clock differs from the value when using the ce-
ramic resonator (refer to the recommended operating condition).
Also, note that the RAM back-up mode (POF instruction) cannot be
used when using the external clock.
(6) Clock control register MR
Register MR controls the selection of operation mode and the opera-
tion source clock, and enable/stop of main clock. Set the contents of
this register through register A with the TMRA instruction. In addition,
the TAMR instruction can be used to transfer the contents of register
MR to register A.
(7) Clock control register RG
Register RG controls the on-chip oscillator. Set the contents of this
register through register A with the TRGA instruction.
Table 23 Clock control register MR
Fig. 54 External clock input circuit
4508
XIN
XOUT
External oscillation circuit
VDD
VSS
Do not execute the CRCK
instruction in program.
*
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: Main clock cannot be stopped when the main clock is selected for the operation source clock.
3: The stopped clock cannot be selected for the operation source clock. In order to switch the operation source clock, generate the oscillation stabiliz-
ing wait time by software first and set the oscillation of the destination clock to be enabled.
4: On-chip oscillator cannot be stopped when the on-chip oscillator is selected for the operation source clock.
5: When changing the setting of MR1 and MR0 from “00” to “11”, make settings in the sequence “00”
→ “01” → “11”.
When changing the setting of MR1 and MR0 from “11” to “0”, make settings in the sequence “11”
→ “01” → “00”.
MR3
Clock control register MR
Operation mode
Through mode (frequency not divided)
Frequency divided by 2 mode
Frequency divided by 4 mode
Frequency divided by 8 mode
Main clock (f(XIN)) oscillation enabled
Main clock (f(XIN)) oscillation stop
Main clock (f(XIN))
On-chip oscillator clock (f(RING))
at reset : 11012
at RAM back-up : 11012
MR3
0
0
1
1
R/W
TAMR/TMRA
Main clock f(XIN) control bit (Notes 2, 5)
Operation source clock selection bit (Notes 3, 5)
Operation mode selection bits
0
1
0
1
MR2
0
1
0
1
MR1
MR0
MR2
0
1
On-chip oscillator (f(RING)) oscillation enabled
On-chip oscillator (f(RING)) oscillation stop
On-chip oscillator (f(RING)) control bit
(Note 4)
Clock control register RG
W
TRGA
at RAM back-up : 02
at reset : 02
RG0


Similar Part No. - 4508

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4508 3M-4508 Datasheet
31Kb / 8P
   Single-Coated Foam Tapes
logo
Heyco.
4508 HEYCO-4508 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4508-440-AL RAF-4508-440-AL Datasheet
92Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4508-440-SS RAF-4508-440-SS Datasheet
92Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4508-632-AL RAF-4508-632-AL Datasheet
98Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
More results

Similar Description - 4508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com