Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4501 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 4501
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 2Page - Renesas Technology Corp 4501 Datasheet HTML 3Page - Renesas Technology Corp 4501 Datasheet HTML 4Page - Renesas Technology Corp 4501 Datasheet HTML 5Page - Renesas Technology Corp 4501 Datasheet HTML 6Page - Renesas Technology Corp 4501 Datasheet HTML 7Page - Renesas Technology Corp 4501 Datasheet HTML 8Page - Renesas Technology Corp 4501 Datasheet HTML 9Page - Renesas Technology Corp 4501 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
Rev.3.01
2005.02.07
page 6 of 112
REJ03B0104-0301
4501 Group
DEFINITION OF CLOCK AND CYCLE
q Operation source clock
The operation source clock is the source clock to operate this
product. In this product, the following clocks are used.
• External ceramic resonator
• External RC oscillation
• Clock (f(XIN)) by the external clock
• Clock (f(RING)) of the on-chip oscillator which is the internal
oscillator.
q System clock
The system clock is the basic clock for controlling this product.
The system clock is selected by the bits 2 and 3 of the clock con-
trol register MR.
Register MR
System clock
(Note 1)
f(XIN) or f(RING)
f(XIN)/2 or f(RING)/2
f(XIN)/4 or f(RING)/4
f(XIN)/8 or f(RING)/8
Table Selection of system clock
PORT FUNCTION
Port
Port D
Port P0
Port P1
Port P2
I/O
unit
1
4
4
2
Control
instructions
SD, RD
SZD, CLD
SCP, RCP
SNZCP
IAK, OKA
OP0A
IAP0
OP1A
IAP1
OP2A
IAP2
Control
registers
PU2, K2
PU0, K0
PU1, K1
W6, I1
PU2, K2
Q1
Output structure
N-channel open-drain
N-channel open-drain
N-channel open-drain
N-channel open-drain
Input
Output
I/O
(4)
I/O
(4)
I/O
(4)
I/O
(2)
Remark
Pin
D0, D1
D2/C
D3/K
P00–P03
P10, P11
P12/CNTR,
P13/INT
P20/AIN0
P21/AIN1
Notes 1: The on-chip oscillator clock is f(RING), the clock by the
ceramic resonator, RC oscillation or external clock is
f(XIN).
2: The default mode is selected after system is released
from reset and is returned from RAM back-up.
MR2
0
1
0
1
MR3
0
0
1
1
Operation mode
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
q Instruction clock
The instruction clock is a signal derived by dividing the system
clock by 3. The one instruction clock cycle generates the one
machine cycle.
q Machine cycle
The machine cycle is the standard cycle required to execute the
instruction.
Built-in programmable pull-up
functions
Key-on wakeup functions
(programmable)
Built-in programmable pull-up
functions
Key-on wakeup functions
(programmable)
Built-in programmable pull-up
functions
Key-on wakeup functions
(programmable)
Built-in programmable pull-up
functions
Key-on wakeup functions
(programmable)


Similar Part No. - 4501

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4501 WELWYN-4501 Datasheet
130Kb / 2P
   HIGH VOLTAGE PLANAR RESISTORS
logo
Renesas Technology Corp
4501 RENESAS-4501 Datasheet
2Mb / 212P
   4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
logo
TT Electronics.
4501 TTELEC-4501 Datasheet
432Kb / 3P
   customs design service available
4501 TTELEC-4501 Datasheet
449Kb / 3P
   High Voltage Planar Resistors
logo
Heyco.
4501 HEYCO-4501 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
More results

Similar Description - 4501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com