Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4280 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 4280
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4280 Datasheet(HTML) 5 Page - Renesas Technology Corp

  4280 Datasheet HTML 1Page - Renesas Technology Corp 4280 Datasheet HTML 2Page - Renesas Technology Corp 4280 Datasheet HTML 3Page - Renesas Technology Corp 4280 Datasheet HTML 4Page - Renesas Technology Corp 4280 Datasheet HTML 5Page - Renesas Technology Corp 4280 Datasheet HTML 6Page - Renesas Technology Corp 4280 Datasheet HTML 7Page - Renesas Technology Corp 4280 Datasheet HTML 8Page - Renesas Technology Corp 4280 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
4
MITSUBISHI MICROCOMPUTERS
4280 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
CONNECTIONS OF UNUSED PINS
Pin
D0–D7
E0, E1
E2
G0–G3
Connection
Open or connect to VDD pin (Note 1).
Set the output latch to “1” and open, or
connect to VDD pin (Note 2).
Open or connect to VSS pin.
Set the output latch to “0” and open, or
connect to VSS pin.
Notes 1: Port D7: Set the bit 2 (PU02) of the pull-down control register PU0 to “0” by software and turn the pull-down transistor OFF.
2: Set the corresponding bits (PU00, PU01) of the pull-down control register PU0 to “0” by software and turn the pull-down
transistor OFF.
(Note in order to set the output latch to “0” to make pins open)
• After system is released from reset, a port is in a high-impedance state until the output latch of the port is set to “0” by software.
Accordingly, the voltage level of pins is undefined and the excess of the supply current may occur.
• To set the output latch periodically is recommended because the value of output latch may change by noise or a program run away
(caused by noise).
(Note when connecting to VSS and VDD)
• Connect the unused pins to VSS or VDD at the shortest distance and use the thick wire against noise.
PORT FUNCTION
Control
bits
1 bit
Output:
2 bits
Input:
3 bits
4 bits
1 bit
Control
instructions
SD
RD
CLD
SD
RD
CLD
SZD
OEA
IAE
IAE
OGA
IAG
OCRA
Control
registers
PU0
PU0
C
Output structure
P-channel open-drain
P-channel open-drain
P-channel open-drain
CMOS
Input/
Output
Output
(7)
I/O
(1)
I/O
(2)
Input
(1)
I/O
(4)
Output
(1)
Remark
Pull-down function and key-on
wakeup function
(programmable)
Pull-down function and key-on
wakeup function
(programmable)
Pull-down function and key-on
wakeup function
Pin
D0–D6
D7
E0
E1
E2
G0–G3
CARR
Port
Port D
Port E
Port G
Port CARR
DEFINITION OF CLOCK AND CYCLE
• System clock (STCK)
The system clock is the source clock for controlling this product.
It can be selected as shown below whether to use the CCK
instruction.
CCK instruction
When not using
When using
Instruction clock
f(XIN)/32
f(XIN)/4
System clock
f(XIN)/8
f(XIN)
• Instruction clock (INSTCK)
The instruction clock is a signal derived by dividing the system
clock by 4, and is the basic clock for controlling CPU. The one
instruction clock cycle is equivalent to one machine cycle.
• Machine cycle
The machine cycle is the cycle required to execute the
instruction.


Similar Part No. - 4280

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4280 POMONA-4280 Datasheet
48Kb / 1P
   Bantam Miniature Phone Plug
logo
Peregrine Semiconductor...
4280-00 PEREGRINE-4280-00 Datasheet
462Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
4280-01 PEREGRINE-4280-01 Datasheet
462Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
4280-02 PEREGRINE-4280-02 Datasheet
462Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
4280-51 PEREGRINE-4280-51 Datasheet
462Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
More results

Similar Description - 4280

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M34280M1 MITSUBISHI-M34280M1 Datasheet
508Kb / 47P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
M34551M4 MITSUBISHI-M34551M4 Datasheet
698Kb / 68P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
4551 RENESAS-4551 Datasheet
1Mb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
logo
Sharp Corporation
SM3903 SHARP-SM3903 Datasheet
135Kb / 5P
   4-Bit Single-Chip Microcomputer(For Remote Control)
logo
NEC
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
Princeton Technology Co...
PT2461 PTC-PT2461 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
logo
NEC
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com