Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38516M1-SP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M38516M1-SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38516M1-SP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M38516M1-SP Datasheet HTML 1Page - Renesas Technology Corp M38516M1-SP Datasheet HTML 2Page - Renesas Technology Corp M38516M1-SP Datasheet HTML 3Page - Renesas Technology Corp M38516M1-SP Datasheet HTML 4Page - Renesas Technology Corp M38516M1-SP Datasheet HTML 5Page - Renesas Technology Corp M38516M1-SP Datasheet HTML 6Page - Renesas Technology Corp M38516M1-SP Datasheet HTML 7Page - Renesas Technology Corp M38516M1-SP Datasheet HTML 8Page - Renesas Technology Corp M38516M1-SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
DESCRIPTION
The 3851 group (built-in 24 KB or more ROM) is the 8-bit micro-
computer based on the 740 family core technology.
The 3851 group (built-in 24 KB or more ROM) is designed for the
household products and office automation equipment and includes
serial I/O functions, 8-bit timer, I2C-BUS interface, and A-D con-
verter.
FEATURES
Basic machine-language instructions ..................................... 71
Minimum instruction execution time ................................. 0.5
µs
(at 8 MHz oscillation frequency)
Memory size
ROM ................................................................ 24K to 32K bytes
RAM .................................................................... 640 to 1K bytes
Programmable input/output ports ........................................... 34
Interrupts ................................................ 17 sources, 16 vectors
Timers ............................................................................ 8-bit X 4
Serial I/O1 .................... 8-bit X 1(UART or Clock-synchronized)
Serial I/O2 ................................... 8-bit X 1(Clock-synchronized)
Multi-master I2C-BUS interface .................................. 1 channel
PWM .............................................................................. 8-bit X 1
A-D converter ............................................... 10-bit X 5 channels
Watchdog timer ........................................................... 16-bit X 1
PIN CONFIGURATION (TOP VIEW)
Fig. 1 M38517M8-XXXFP/SP pin configuration
Clock generating circuit ................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
Power source voltage
In high-speed mode ................................................. 4.0 to 5.5 V
(at 8 MHz oscillation frequency)
In middle-speed mode ............................................. 2.7 to 5.5 V
(at 8 MHz oscillation frequency)
In low-speed mode ................................................... 2.7 to 5.5 V
(at 32 kHz oscillation frequency)
Power dissipation
In high-speed mode ......................................................... 34 mW
(at 8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode
Except M38517F8FP/SP ................................................. 60
µW
M38517F8FP/SP ............................................................ 450
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
Operating temperature range .................................. –20 to 85°C
APPLICATION
Office automation equipment, FA equipment, Household products,
Consumer electronics, etc.
Package type : FP ........................... 42P2R-A/E (42-pin plastic-molded SSOP)
Package type : SP ........................... 42P4B (42-pin plastic-molded SDIP)
P40/CNTR1
P41/INT0
P42/INT1
P43/INT2/SCMP2
P44/INT3/PWM
VREF
VCC
P31/AN1
P32/AN2
P00/SIN2
P04
P05
P06
P07
P11/(LED1)
P12/(LED2)
P13/(LED3)
P14/(LED4)
P15/(LED5)
P10/(LED0)
P01/SOUT2
P02/SCLK2
P30/AN0
P33/AN3
P34/AN4
P03/SRDY2
40
41
42
22
23
24
25
26
27
28
29
30
31
32
34
35
36
37
38
39
33
3
2
1
21
20
19
18
17
16
15
14
13
12
11
9
8
7
6
5
4
10
P16/(LED6)
P17/(LED7)
P27/CNTR0/SRDY1
P26/SCLK1
P25/SCL2/TxD
P24/SDA2/RxD
P23/SCL1
P22/SDA1
CNVSS
P21/XCIN
P20/XCOUT
RESET
XIN
XOUT
VSS
AVSS
Rev.1.01
Oct 15, 2003
page 1 of 89
3851 Group (Built-in 24 KB or more ROM)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0066-0101Z
Rev.1.01
Oct 15, 2003


Similar Part No. - M38516M1-SP

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
M38510 ROCHESTER-M38510 Datasheet
642Kb / 1P
   DUAL SPST ANALOG SWITCH with CMOS and TTL versatility made from original Intersil wafers
logo
Texas Instruments
M38510 TI1-M38510 Datasheet
940Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
M38510 TI-M38510 Datasheet
329Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI1-M38510 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
More results

Similar Description - M38516M1-SP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com