Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37480E8-XXXFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M37480E8-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37480E8-XXXFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M37480E8-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M37480E8-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M37480E8-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M37480E8-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M37480E8-XXXFP Datasheet HTML 11Page - Renesas Technology Corp M37480E8-XXXFP Datasheet HTML 12Page - Renesas Technology Corp M37480E8-XXXFP Datasheet HTML 13Page - Renesas Technology Corp M37480E8-XXXFP Datasheet HTML 14Page - Renesas Technology Corp M37480E8-XXXFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
10
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
CPU Mode Register
The stack page selection bit is assigned to the CPU mode regis-
ter. This register is allocated at address 00FB16.
Fig. 7 Structure of CPU mode register
FUNCTIONAL DESCRIPTION
Central Processing Unit (CPU)
The 7480/7481 group uses the standard 740 family CPU. Refer to
the table of 740 family addressing modes and machine instruc-
tions or the MELPS 740 programming manual for details on the
instruction set.
Machine-resident 740 family instructions are as follows:
1. The FST and SLW instructions are not available.
2. The MUL and DIV instructions are available.
3. The WIT instruction is available. (Note)
4. The STP instruction is available. (Note)
Note: When using these instructions, refer to the corresponding
chapter “STP and WIT instruction control” below.
CPU mode register (CPUM: address 00FB16)
b7
b0
Stack page selection bit (Note)
0
:
Page 0
1
:
Page 1
System clock division proportion selection bit
0
:
f = f(XIN)/2 (high-speed mode)
1
:
f = f(XIN)/8 (medium-speed mode)
Not used.
These bits must always be set to “0”.
Watchdog timer L count source selection bit
0
:
f(XIN)/8
1
:
f(XIN)/16
Note : In the models of RAM size under 192 bytes, set this bit to “0”.
Not used (undefined at read)
Not used (undefined at read)


Similar Part No. - M37480E8-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37480E8-XXXFP RENESAS-M37480E8-XXXFP Datasheet
2Mb / 337P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
More results

Similar Description - M37480E8-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com