Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3886 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 3886
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 3 Page - Renesas Technology Corp

  3886 Datasheet HTML 1Page - Renesas Technology Corp 3886 Datasheet HTML 2Page - Renesas Technology Corp 3886 Datasheet HTML 3Page - Renesas Technology Corp 3886 Datasheet HTML 4Page - Renesas Technology Corp 3886 Datasheet HTML 5Page - Renesas Technology Corp 3886 Datasheet HTML 6Page - Renesas Technology Corp 3886 Datasheet HTML 7Page - Renesas Technology Corp 3886 Datasheet HTML 8Page - Renesas Technology Corp 3886 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 111 page
background image
2
3886 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Package type : 80D0
PIN CONFIGURATION (TOP VIEW)
Note: The pin number and the position of
the function pin may change by the
kind of package.
Fig. 2 M38867E8AFS pin configuration
Package type : 80P6Q-A
PIN CONFIGURATION (TOP VIEW)
Note: The pin number and the position of the
function pin may change by the kind of
package.
Fig. 1 M38867M8A-XXXHP, M38867E8AHP pin configuration
: PROM version
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P30/PWM00
P31/PWM10
P62/AN2
P61/AN1
P44/RXD
P43/INT1/OBF01
P63/AN3
P64/AN4
P65/AN5
P66/AN6
AVSS
P67/AN7
VREF
VCC
P80/DQ0
P81/DQ1
P82/DQ2
P83/DQ3
P84/DQ4
P85/DQ5
P86/DQ6
P87/DQ7
P42/INT0/OBF00
CNVSS
XIN
XOUT
VSS
RESET
P40/XCOUT
P41/XCIN
P16/AD14
P17/AD15
P26/DB6
P25/DB5
P24/DB4
P23/DB3
P22/DB2
P21/DB1
P20/DB0
P27/DB7
M38867M8A-XXXHP
M38867E8AHP
VPP
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P66/AN6
P67/AN7
AVSS
VREF
VCC
P80/DQ0
P81/DQ1
P82/DQ2
P83/DQ3
P84/DQ4
P85/DQ5
P86/DQ6
P87/DQ7
P42/INT0/OBF00
CNVSS
XIN
XOUT
VSS
P27/DB7
P26/DB6
P25/DB5
P24/DB4
P23/DB3
P22/DB2
P21/DB1
P20/DB0
RESET
P40/XCOUT
P41/XCIN
P65/AN5
P63/AN3
P64/AN4
VPP


Similar Part No. - 3886

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3886 RENESAS-3886 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
3886A TOSHIBA-3886A Datasheet
62Kb / 1P
   TRANSISTOR SILICON NPN / 1400V / 8A / 50W
logo
Mitsubishi Electric Sem...
3886GROUP MITSUBISHI-3886GROUP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
3886 RENESAS-3886_10 Datasheet
68Kb / 3P
   Difference among various products
More results

Similar Description - 3886

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com