Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38068M1-FP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M38068M1-FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38068M1-FP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M38068M1-FP Datasheet HTML 6Page - Renesas Technology Corp M38068M1-FP Datasheet HTML 7Page - Renesas Technology Corp M38068M1-FP Datasheet HTML 8Page - Renesas Technology Corp M38068M1-FP Datasheet HTML 9Page - Renesas Technology Corp M38068M1-FP Datasheet HTML 10Page - Renesas Technology Corp M38068M1-FP Datasheet HTML 11Page - Renesas Technology Corp M38068M1-FP Datasheet HTML 12Page - Renesas Technology Corp M38068M1-FP Datasheet HTML 13Page - Renesas Technology Corp M38068M1-FP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3825 Group
9
GROUP EXPANSION
(EXTENDED OPERATING TEMPERATURE VERSION)
Mitsubishi plans to expand the 3825 group (Extended operating
temperature version) as follows.
Memory Type
Support for mask ROM, one time PROM version.
Memory Size
ROM size ............................................................ 16 K to 60 Kbytes
RAM size ............................................................ 640 to 2048 bytes
Packages
100P6S-A ................................ 0.65 mm-pitch plastic molded QFP
Memory Expansion Plan
Currently products are listed below.
Table 4. List of products for extended operating temperature version
As of Dec. 2000
Fig. 6 Memory expansion plan for extended operating temperature version
Remarks
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
One Time PROM version (blank)
RAM size (bytes)
640
640
1024
1536
2048
16384
(16254)
24576
(24446)
32768
(32638)
49152
(49022)
61440
(61310)
Package
100P6S-A
100P6S-A
100P6S-A
100P6S-A
100P6S-A
Product
M38254M4DXXXFP
M38254M6DXXXFP
M38257M8DXXXFP
M38258MCDXXXFP
M38259EFDFP
ROM size (bytes)
ROM size for User in (
)
Mass product
60K
56K
52K
48K
44K
36K
32K
28K
24K
20K
16K
12K
8K
4K
40K
ROM size (bytes)
2561,536
2,048
RAM size (bytes)
Mass product
Mass product
Mass product
Mass product
M38254M6D
512768
640
M38254M4D
1,024
M38257M8D
M38258MCD
M38259EFD


Similar Part No. - M38068M1-FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38068M1-XXXFP RENESAS-M38068M1-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
M38068M1-XXXFP RENESAS-M38068M1-XXXFP Datasheet
1Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38068M1-XXXFS RENESAS-M38068M1-XXXFS Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
More results

Similar Description - M38068M1-FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com