Electronic Components Datasheet Search |
|
M306H1SFP Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
M306H1SFP Datasheet(HTML) 9 Page - Renesas Technology Corp |
9 / 243 page 8 Rev. 1.0 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA SLICER and ON-SCREEN DISPLAY CONTROLLER MITSUBISHI MICROCOMPUTERS M306H1SFP Table 1.5.4 Pin Description Signal name Function Pin name I/O type Composite video output 2 CVIDEO2 Output This is composite video signal output pin. Output 2 Vp-p composite video signal. This pin's signal consists of CVIN2 signal of vertical blanking erase interval combined with the VBI output signal. Synchronous slice level input SVREF Input When slice the vertical synchronous signal, input slice power. Composite video signal input 1 CVIN1 Input This pin inputs the external composite video signal. In superimpose mode, this pin's signal consists of it's composite video signal combined with the character output signal. Data slices this signal internally by setting. SECAM input SECAMIN Input Carrier input pin for SECAM. Composite video signal input 2 CVIN2 Input This pin inputs the external composite video signal. In VBI encode, this pin's signal consists of it's composite video signal combined with the VBI output signal. Data slices this signal internally by setting. Composite video signal input 3 SYNCIN Input This pin inputs the external composite video signal. Synchronous devides this signal internally. Filter output 1 LP1 Output This is filter output pin 1 (for display). Filter output 2 LP2 Output This is filter output pin 2 (for synchronous). Filter output 3 LP3 Output This is filter output pin 3 (for VBI, VPS). Filter output 4 LP4 Output This is filter output pin 4 (for PDC). fsc input pin for synchronous signal generation FSCIN Input Sub-carrier (fsc) input pin for synchronous signal generation. Vertical synchronous signal input VERT Input Digital vertical synchronous signal input (5 V). Output port P11 P110 to P118 Output This is a 9-bit output-only port. Pins in this port also function as EDO2, EDO1,CSYN,BLNK,B,G,R,GRAY,SLICEON output pins as selected by software. Input digital horizontal synchronous signal (5 V). HOR |
Similar Part No. - M306H1SFP |
|
Similar Description - M306H1SFP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |