Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74CBTS16212A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD74CBTS16212A
Description  24-bit FET Bus-Exchange Switches with Schottky diode clamping
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74CBTS16212A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD74CBTS16212A Datasheet HTML 5Page - Renesas Technology Corp HD74CBTS16212A Datasheet HTML 6Page - Renesas Technology Corp HD74CBTS16212A Datasheet HTML 7Page - Renesas Technology Corp HD74CBTS16212A Datasheet HTML 8Page - Renesas Technology Corp HD74CBTS16212A Datasheet HTML 9Page - Renesas Technology Corp HD74CBTS16212A Datasheet HTML 10Page - Renesas Technology Corp HD74CBTS16212A Datasheet HTML 11Page - Renesas Technology Corp HD74CBTS16212A Datasheet HTML 12Page - Renesas Technology Corp HD74CBTS16212A Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HD74CBTS16212A
Rev.0, Feb. 2002, page 9 of 9
Waveforms – 1
Input
10 %
1.5 V
1.5 V
90 %
t r
90 %
3 V
GND
10 %
t f
Output
1.5 V
1.5 V
t PLH
V
t PHL
OH
VOL
Waveforms – 2
Waveform - B
Notes: 1. All input pulses are supplied by generators having the following characteristics :
PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
2. Waveform - A is for an output with internal conditions such that the output is low except
when disabled by the output control.
3. Waveform - B is for an output with internal conditions such that the output is high except
when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.
Waveform - A
VOH
VOL
V
+ 0.3 V
OL
V
- 0.3 V
OH
Output
Control
10 %
10 %
1.5 V
1.5 V
90 %
t f
90 %
3 V
3.5 V
GND
GND
t r
1.5 V
1.5 V
t HZ
t LZ
t ZH
t ZL


Similar Part No. - HD74CBTS16212A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CBT16210 RENESAS-HD74CBT16210 Datasheet
119Kb / 12P
   20-bit FET Bus Switch
HD74CBT16212A RENESAS-HD74CBT16212A Datasheet
124Kb / 13P
   24-bit FET Bus-Exchange Switches
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
91Kb / 7P
   Single FET Bus Switch
HD74CBT1G125CME RENESAS-HD74CBT1G125CME Datasheet
91Kb / 7P
   Single FET Bus Switch
More results

Similar Description - HD74CBTS16212A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTS16212 TI-SN74CBTS16212_08 Datasheet
350Kb / 12P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16212 TI-SN74CBTS16212 Datasheet
82Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN54CBT16212A TI-SN54CBT16212A Datasheet
353Kb / 13P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI1-SN54CBT16212A_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A_07 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
logo
Renesas Technology Corp
HD74CBT16212A RENESAS-HD74CBT16212A Datasheet
124Kb / 13P
   24-bit FET Bus-Exchange Switches
logo
Texas Instruments
SN74CBTS16211 TI-SN74CBTS16211 Datasheet
76Kb / 5P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16211 TI1-SN74CBTS16211_08 Datasheet
342Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN54CBT16209 TI-SN54CBT16209_07 Datasheet
346Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383 Datasheet
67Kb / 5P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com