Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH5R06D Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH5R06D
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5R06D Datasheet(HTML) 3 Page - STMicroelectronics

  STTH5R06D Datasheet HTML 1Page - STMicroelectronics STTH5R06D Datasheet HTML 2Page - STMicroelectronics STTH5R06D Datasheet HTML 3Page - STMicroelectronics STTH5R06D Datasheet HTML 4Page - STMicroelectronics STTH5R06D Datasheet HTML 5Page - STMicroelectronics STTH5R06D Datasheet HTML 6Page - STMicroelectronics STTH5R06D Datasheet HTML 7Page - STMicroelectronics STTH5R06D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH5R06D/FP/B/G
3/8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
T
δ=tp/T
tp
Zth(j-c)/Rth(j-c)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig. 3-1: Relative variation of thermal impedance
junction to case versus pulse duration (TO-220AC,
DPAK, D
2PAK).
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=IF(av)
IF=0.5 x IF(av)
IF=2 x IF(av)
trr(ns)
Fig. 5:
Reverse recovery time versus dIF/dt
(90% confidence).
0
2
4
6
8
10
12
14
16
18
20
22
0
200
400
600
800
1000
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=2 x IF(av)
IF=0.5 x IF(av)
IF=IF(av)
IF=0.25 x IF(av)
IRM(A)
Fig. 4:
Peak reverse recovery current versus
dIF/dt (90% confidence).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig. 3-2: Relative variation of thermal impedance
junction
to
case
versus
pulse
duration
(TO-220FPAC).
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0
200
400
600
800
1000
dIF/dt(A/µs)
IF=IF(av)
VR=400V
Tj=125°C
S factor
Fig. 7:
Softness factor versus dIF/dt (typical
values).
0
50
100
150
200
250
300
350
0
200
400
600
800
1000
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=IF(av)
IF=0.5 x IF(av)
IF=2 x IF(av)
Qrr(nC)
Fig. 6: Reverse recovery charges versus dIF/dt
(90% confidence).


Similar Part No. - STTH5R06D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
116Kb / 9P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06DJF STMICROELECTRONICS-STTH5R06DJF Datasheet
180Kb / 9P
   High energy avalanche capability
March 2012 Rev 1
More results

Similar Description - STTH5R06D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
   Turbo 2 ultrafast high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH6006W STMICROELECTRONICS-STTH6006W Datasheet
99Kb / 7P
   Turbo 2 ultrafast - high voltage rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com