Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVCH16269 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74ALVCH16269
Description  12-bit to 24-bit Registered Bus Transceivers with 3-state Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVCH16269 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74ALVCH16269 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 10Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 11Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 12Page - Renesas Technology Corp HD74ALVCH16269 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HD74ALVCH16269
Rev.2.00, Oct.02.2003, page 9 of 12
500
C = 50 pF
L
L
500
S1
*1
See under table
GND
OPEN
Load Circuit for Outputs
Note: 1. C includes probe and jig capacitance.
Symbol
t
/ t
PLH
PHL
OPEN
GND
4.6 V
6.0 V
t
/ t
ZH
HZ
t
/ t
ZL
LZ
t
/ t / t
su
h
w
OPEN
GND
Vcc=2.7V,
3.3±0.3V
Vcc=2.5±0.2V
• Test Circuit


Similar Part No. - HD74ALVCH16269

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH16269 HITACHI-HD74ALVCH16269 Datasheet
66Kb / 13P
   12-bit to 24-bit Registered Bus Transceivers with 3-state Outputs
More results

Similar Description - HD74ALVCH16269

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH16269 HITACHI-HD74ALVCH16269 Datasheet
66Kb / 13P
   12-bit to 24-bit Registered Bus Transceivers with 3-state Outputs
logo
Pericom Semiconductor C...
PI74ALVCH16270 PERICOM-PI74ALVCH16270 Datasheet
156Kb / 5P
   12-Bit To 24-Bit Registered Bus Exchanger with 3-State Outputs
logo
Texas Instruments
SN74ALVCH16270 TI-SN74ALVCH16270 Datasheet
138Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC16268 PERICOM-PI74AVC16268 Datasheet
545Kb / 11P
   12-Bit to 24-Bit Registered Bus Exchanger with 3-State Outputs
logo
Texas Instruments
SN74AVC16269 TI1-SN74AVC16269 Datasheet
501Kb / 17P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI-SN74ALVCHR16269A_08 Datasheet
350Kb / 14P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268_08 Datasheet
476Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16269 TI-SN74ALVCH16269_07 Datasheet
441Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com