Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVC166245ATEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74ALVC166245ATEL
Description  16-Bit Dual-supply Bus Transceiver with 3-state Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC166245ATEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74ALVC166245ATEL Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC166245ATEL Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC166245ATEL Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC166245ATEL Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC166245ATEL Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC166245ATEL Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC166245ATEL Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC166245ATEL Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC166245ATEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HD74ALVC166245A
Rev.2.01 Apr. 12, 2005 page 4 of 12
Block Diagram
1
OE
1A1
1DIR
1B1
48
47
1
2
To seven other channels
To seven other channels
2
OE
2A1
2DIR
2B1
25
36
24
13
Electrical Characteristics
(Ta = –40 to 85°C)
Item
Symbol
VCCB (V)
VCCA (V)
Min
Max
Unit
Test Conditions
1.5±0.1
1.2
VCCB×0.70
1.8±0.15
1.2 to 1.6
VCCB×0.65
2.5±0.2
1.2 to 1.95
1.6
VIHB
3.3±0.3
1.2 to 2.7
2.0
V
B port
Control input
1.4 to 3.6
1.2
VCCA×0.75
1.65 to 3.6
1.5±0.1
VCCA×0.70
2.3 to 3.6
1.8±0.15
VCCA×0.65
VIHA
3.0 to 3.6
2.5±0.2
1.6
V
A port
1.5±0.1
1.2
VCCB×0.30
1.8±0.15
1.2 to 1.6
VCCB×0.35
2.5±0.2
1.2 to 1.95
0.7
VILB
3.3±0.3
1.2 to 2.7
0.8
V
B port
Control input
1.4 to 3.6
1.2
VCCA×0.25
1.65 to 3.6
1.5±0.1
VCCA×0.30
2.3 to 3.6
1.8±0.15
VCCA×0.35
A port
Input voltage
VILA
3.0 to 3.6
2.5±0.2
0.7
V


Similar Part No. - HD74ALVC166245ATEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC166245A RENESAS-HD74ALVC166245A_15 Datasheet
149Kb / 15P
   16?밄it Dual?뱒upply Bus Transceiver with 3?뱒tate Outputs
More results

Similar Description - HD74ALVC166245ATEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC165245A RENESAS-HD74ALVC165245A_05 Datasheet
116Kb / 14P
   16-Bit Dual-supply Bus Transceiver with 3-state Outputs
HD74ALVC165245A RENESAS-HD74ALVC165245A Datasheet
114Kb / 18P
   16-Bit Dual-supply Bus Transceiver with 3-state Outputs
logo
Pericom Semiconductor C...
PI74LVC3245ALE PERICOM-PI74LVC3245ALE Datasheet
430Kb / 9P
   8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PI74LVC4245A PERICOM-PI74LVC4245A Datasheet
482Kb / 9P
   8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PI74LVC3245A PERICOM-PI74LVC3245A Datasheet
536Kb / 9P
   8-Bit Dual Supply Bus Transceiver with 3-State Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com