Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVC165245A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74ALVC165245A
Description  16-Bit Dual-supply Bus Transceiver with 3-state Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC165245A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74ALVC165245A Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC165245A Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC165245A Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC165245A Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC165245A Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC165245A Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC165245A Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC165245A Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC165245A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
HD74ALVC165245A
Rev.2.01 Apr. 11, 2005 page 3 of 13
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCCA, VCCB
–0.5 to 4.6
V
Input voltage
*1
VI
–0.5 to 4.6
V
DIR,
OE
–0.5 to VCCA+0.5
A port output “H” or “L”
–0.5 to 4.6
A port output “Z” or VCCA : OFF
–0.5 to VCCB+0.5
B port output “H” or “L”
Input / output voltage
VI/O
–0.5 to 4.6
V
B port output “Z” or VCCB : OFF
Input diode current
IIK
–50
mA
VI < 0
–50
VO < 0
Output diode current
IOK
50
mA
VO > VCC+0.5
Output current
IO
±50
mA
VCCA, VCCB, GND current
ICCA, ICCB, IGND
100
mA
Maximum power dissipation
at Ta = 55°C (in still air)
*2
PT
850
mW
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes:
The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two
of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded even if the input and output clamp-current ratings are
observed.
2. The maximum package power dissipation was calculated using a junction temperature of 150°C.


Similar Part No. - HD74ALVC165245A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC165245A RENESAS-HD74ALVC165245A Datasheet
114Kb / 18P
   16-Bit Dual-supply Bus Transceiver with 3-state Outputs
HD74ALVC165245ATEL RENESAS-HD74ALVC165245ATEL Datasheet
114Kb / 18P
   16-Bit Dual-supply Bus Transceiver with 3-state Outputs
HD74ALVC165245A RENESAS-HD74ALVC165245A_15 Datasheet
153Kb / 16P
   16?밄it Dual?뱒upply Bus Transceiver with 3?뱒tate Outputs
More results

Similar Description - HD74ALVC165245A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC165245A RENESAS-HD74ALVC165245A Datasheet
114Kb / 18P
   16-Bit Dual-supply Bus Transceiver with 3-state Outputs
HD74ALVC166245A RENESAS-HD74ALVC166245A Datasheet
113Kb / 13P
   16-Bit Dual-supply Bus Transceiver with 3-state Outputs
logo
Pericom Semiconductor C...
PI74LVC3245ALE PERICOM-PI74LVC3245ALE Datasheet
430Kb / 9P
   8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PI74LVC4245A PERICOM-PI74LVC4245A Datasheet
482Kb / 9P
   8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PI74LVC3245A PERICOM-PI74LVC3245A Datasheet
536Kb / 9P
   8-Bit Dual Supply Bus Transceiver with 3-State Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com