Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVC2G32 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74ALVC2G32
Description  Dual 2-input OR Gates
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G32 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74ALVC2G32 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G32 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G32 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G32 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G32 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G32 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G32 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G32 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC2G32 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74ALVC2G32
Rev.4.00, Dec.18.2003, page 6 of 9
Switching Characteristics
(Ta =
−40 to 85°C)
VCC = 1.2 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
tPLH
tPHL
7.5
ns
CL = 15 pF
A or B
Y
VCC = 1.5
±0.1 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
tPLH
tPHL
2.0
7.0
ns
CL = 15 pF
A or B
Y
VCC = 1.8
±0.15 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
tPLH
tPHL
1.5
5.0
ns
CL = 30 pF
A or B
Y
VCC = 2.5
±0.2 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
tPLH
tPHL
1.0
3.7
ns
CL = 30 pF
A or B
Y
VCC = 3.3
±0.3 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
tPLH
tPHL
1.0
2.8
ns
CL = 30 pF
A or B
Y


Similar Part No. - HD74ALVC2G32

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G32 RENESAS-HD74ALVC2G32_15 Datasheet
111Kb / 12P
   Dual 2-input OR Gates
More results

Similar Description - HD74ALVC2G32

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G32A RENESAS-HD74LV2G32A Datasheet
83Kb / 9P
   Dual 2-input OR Gates
HD74ALVC2G32 RENESAS-HD74ALVC2G32_15 Datasheet
111Kb / 12P
   Dual 2-input OR Gates
HD74ALVC2G86 RENESAS-HD74ALVC2G86 Datasheet
90Kb / 10P
   Dual 2-input Exclusive-OR Gates
HD74ALVC2G86 RENESAS-HD74ALVC2G86_15 Datasheet
114Kb / 12P
   Dual 2-input Exclusive-OR Gates
HD74LV32A RENESAS-HD74LV32A Datasheet
67Kb / 9P
   Quad. 2-input OR Gates
logo
Hitachi Semiconductor
HD74HC32 HITACHI-HD74HC32 Datasheet
45Kb / 8P
   Quad. 2-input OR Gates
logo
Renesas Technology Corp
HD74LV32A RENESAS-HD74LV32A_15 Datasheet
91Kb / 11P
   Quad. 2-input OR Gates
RD74LVC32B RENESAS-RD74LVC32B_15 Datasheet
98Kb / 10P
   Quad. 2-input OR Gates
HD74HC32 RENESAS-HD74HC32 Datasheet
91Kb / 7P
   Quad. 2-input OR Gates
logo
Micro Electronics
MMC4071 MICRO-ELECTRONICS-MMC4071 Datasheet
112Kb / 4P
   OR GATES : QUAD 2 INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com