Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVC2G06 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74ALVC2G06
Description  Triple Inverter Buffers / Drivers with Open Drain
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G06 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74ALVC2G06 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74ALVC2G06
Rev.5.00 Sep 08, 2006 page 2 of 6
Function Table
Input A
Output
Y
L
Z
H
L
H:
High level
L:
Low level
Z:
High impedance
Pin Arrangement
(Top view)
8VCC
1
71
Y
63A
52
Y
1A
2
3
Y
3
2A
4
GND
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCC
−0.5 to 4.6
V
Input voltage range
*1
VI
−0.5 to 4.6
V
−0.5 to VCC+0.5
Output : L
Output voltage range
*1, 2
VO
−0.5 to 4.6
V
VCC : OFF or Output : Z
Input clamp current
IIK
−50
mA
VI < 0
Output clamp current
IOK
−50
mA
VO < 0
Continuous output current
IO
±50
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±100
mA
Maximum power dissipation
at Ta = 25°C (in still air)
*3
PT
200
mW
Storage temperature
Tstg
−65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two
of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 4.6 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.


Similar Part No. - HD74ALVC2G06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G06 RENESAS-HD74ALVC2G06_15 Datasheet
114Kb / 9P
   Triple Inverter Buffers / Drivers with Open Drain
More results

Similar Description - HD74ALVC2G06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G06 RENESAS-HD74ALVC2G06_15 Datasheet
114Kb / 9P
   Triple Inverter Buffers / Drivers with Open Drain
HD74ALVC2G07 RENESAS-HD74ALVC2G07_15 Datasheet
109Kb / 9P
   Triple Buffers / Drivers with Open Drain
HD74ALVC2G07 RENESAS-HD74ALVC2G07 Datasheet
77Kb / 7P
   Triple Buffers / Drivers with Open Drain
logo
Texas Instruments
SN74LVC06A_101 TI-SN74LVC06A_101 Datasheet
738Kb / 21P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV06A HITACHI-HD74LV06A Datasheet
46Kb / 11P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN54LVC06A TI-SN54LVC06A Datasheet
121Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV06A TI-SN74LV06A Datasheet
328Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN54LVC06A TI-SN54LVC06A_07 Datasheet
665Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV06A TI1-SN54LV06A_16 Datasheet
1,017Kb / 23P
[Old version datasheet]   Hex Inverter Buffers/Drivers With Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com