Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVC1G80 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74ALVC1G80
Description  Single Positive Edge-triggered D-type Flip Flop
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC1G80 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74ALVC1G80 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC1G80 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC1G80 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC1G80 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC1G80 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC1G80 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC1G80 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC1G80 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC1G80 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.3.00, Nov.12.2003, page 1 of 10
HD74ALVC1G80
Single Positive Edge-triggered D-type Flip Flop
REJ03D0127–0300Z
(Previous ADE-205-638B (Z))
Rev.3.00
Nov.12.2003
Description
The HD74ALVC1G80 has D-type flip flop in a 5 pin package. The input data is transferred to the output at
the rising edge of clock pulse CLK. Low voltage and high-speed operation is suitable for the battery
powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.2 to 3.6 V
Operating temperature range :
−40 to +85°C
• All inputs V
IH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V)
All outputs VO (Max.) = 3.6 V (@VCC = 0 V)
• Output current
±2 mA (@V
CC = 1.2 V)
±4 mA (@V
CC = 1.4 V to 1.6 V)
±6 mA (@V
CC = 1.65 V to 1.95 V)
±18 mA (@V
CC = 2.3 V to 2.7 V)
±24 mA (@V
CC = 3.0 V to 3.6 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74ALVC1G80VSE
VSON-5 pin
TNP-5DV
VS
E (3,000 pcs/reel)


Similar Part No. - HD74ALVC1G80

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC1G80 HITACHI-HD74ALVC1G80 Datasheet
96Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80_15 Datasheet
121Kb / 13P
   Single Positive Edge-triggered D-type Flip Flop
More results

Similar Description - HD74ALVC1G80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
April 2004
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
   Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T80 STMICROELECTRONICS-74V1T80 Datasheet
121Kb / 9P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com