Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT1016R-EL-E Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HAT1016R-EL-E
Description  Silicon P Channel Power MOSFET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1016R-EL-E Datasheet(HTML) 6 Page - Renesas Technology Corp

  HAT1016R-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT1016R-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT1016R-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT1016R-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT1016R-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT1016R-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT1016R-EL-E Datasheet HTML 7Page - Renesas Technology Corp HAT1016R-EL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HAT1016R
Rev.7.00 Sep 07, 2005 page 6 of 7
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test Circuit
Switching Time Waveform
Vin Monitor
D.U.T.
Vin
–4 V
RL
Vout
Monitor
50
VDD
= –10 V


Similar Part No. - HAT1016R-EL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAT1016R HITACHI-HAT1016R Datasheet
56Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
SHENZHEN DOINGTER SEMIC...
HAT1016R DOINGTER-HAT1016R Datasheet
1Mb / 5P
   Dual P-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
HAT1016R RENESAS-HAT1016R_15 Datasheet
115Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT1016R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1026R RENESAS-HAT1026R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1023R RENESAS-HAT1023R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1020R RENESAS-HAT1020R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1024R RENESAS-HAT1024R Datasheet
97Kb / 8P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1035R RENESAS-HAT1035R Datasheet
47Kb / 4P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1021R RENESAS-HAT1021R Datasheet
90Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
logo
Isahaya Electronics Cor...
INJ0011AX ISAHAYA-INJ0011AX Datasheet
140Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0001AX ISAHAYA-INJ0001AX_08 Datasheet
137Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0003AX ISAHAYA-INJ0003AX_08 Datasheet
139Kb / 4P
   High speed switching Silicon P-channel MOSFET
logo
Renesas Technology Corp
HAT1055R RENESAS-HAT1055R_15 Datasheet
136Kb / 12P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com