Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAF2014 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAF2014
Description  Silicon N Channel MOSFET Series Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2014 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAF2014 Datasheet HTML 1Page - Renesas Technology Corp HAF2014 Datasheet HTML 2Page - Renesas Technology Corp HAF2014 Datasheet HTML 3Page - Renesas Technology Corp HAF2014 Datasheet HTML 4Page - Renesas Technology Corp HAF2014 Datasheet HTML 5Page - Renesas Technology Corp HAF2014 Datasheet HTML 6Page - Renesas Technology Corp HAF2014 Datasheet HTML 7Page - Renesas Technology Corp HAF2014 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HAF2014
Rev.3.00 Apr 27, 2006 page 2 of 7
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
60
V
VGSS
16
V
Gate to source voltage
VGSS
–2.5
V
Drain current
ID
40
A
Drain peak current
ID (pulse)
Note 1
80
A
Body-drain diode reverse drain current
IDR
40
A
Channel dissipation
Pch
Note 2
50
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Ta = 25
°C
Typical Operation Characteristics
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
VIH
3.5
V
Input voltage
VIL
1.2
V
IIH1
100
µA
Vi = 8 V, VDS = 0
IIH2
50
µA
Vi = 3.5 V, VDS = 0
Input current
(Gate non shut down)
IIL
1
µA
Vi = 1.2 V, VDS = 0
IIH (sd) 1
0.8
mA
Vi = 8 V, VDS = 0
Input current
(Gate shut down)
IIH (sd) 2
0.35
mA
Vi = 3.5 V, VDS = 0
Shut down temperature
Tsd
175
°C
Channel temperature
Gate operation voltage
VOP
3.5
12
V


Similar Part No. - HAF2014

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAF2011 HITACHI-HAF2011 Datasheet
34Kb / 6P
   Silicon N Channel MOS FET Series Power Switching
logo
Renesas Technology Corp
HAF2011 RENESAS-HAF2011 Datasheet
121Kb / 9P
   Silicon N Channel MOS FET Series Power Switching
HAF2011(L) RENESAS-HAF2011(L)_15 Datasheet
137Kb / 11P
   Silicon N Channel MOS FET Series Power Switching
logo
Hitachi Semiconductor
HAF2011L HITACHI-HAF2011L Datasheet
34Kb / 6P
   Silicon N Channel MOS FET Series Power Switching
logo
Renesas Technology Corp
HAF2011L RENESAS-HAF2011L Datasheet
121Kb / 9P
   Silicon N Channel MOS FET Series Power Switching
More results

Similar Description - HAF2014

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAF2008 HITACHI-HAF2008 Datasheet
24Kb / 6P
   SILICON N CHANNEL MOSFET SERIES POWER SWITCHING
logo
Renesas Technology Corp
HAF2021 RENESAS-HAF2021 Datasheet
92Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
HAF2007 RENESAS-HAF2007 Datasheet
95Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
HAF2002 RENESAS-HAF2002 Datasheet
94Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
HAF2015RJ RENESAS-HAF2015RJ Datasheet
142Kb / 10P
   Silicon N Channel MOSFET Series Power Switching
HAF2001 RENESAS-HAF2001 Datasheet
92Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
HAF2005 RENESAS-HAF2005 Datasheet
88Kb / 8P
   Silicon N Channel MOSFET Series Power Switching
HAT2203C RENESAS-HAT2203C Datasheet
97Kb / 7P
   Silicon N Channel MOSFET power switching
HAT2170H RENESAS-HAT2170H Datasheet
91Kb / 8P
   Silicon N Channel MOSFET Power Switching
HAF2017 RENESAS-HAF2017 Datasheet
134Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com