Part Name
         Description
HSB226WK

 Silicon Schottky Barrier Diode for High Speed Switching ( 5 Page)


RENESAS
100% 
Zoom Out Zoom In
   
 4 page
background image
HSB226WK
Rev.2.00 Sep 15, 2006 page 4 of 4
Package Dimensions
Pattern of terminal position areas
e
e1
l1
b2
D
AA
b
E
HE
e
A2
A
A1
Q
c
L
A0.8
-
1.1
A1
0-
0.1
A2
0.8
0.9
1.0
b
0.25
0.3
0.4
c
0.1
0.16
0.26
D1.8
2.0
2.2
E
1.15
1.25
1.35
-0.65
-
e
HE
1.8
2.1
2.4
L
0.425
--
b2
-
-
0.45
-1.5
-
e1
l1
--
0.9
Q-
0.2
-
Dimension in Millimeters
Min
Nom
Max
Reference
Symbol
SC-70
0.006g
MASS[Typ.]
CMPAK / CMPAKV
PTSP0003ZB-A
RENESAS Code
JEITA Package Code
Previous Code
b
c
A — A Section



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
HSB226SSilicon Schottky Barrier Diode for High Speed Switching 1 2 3 4 5 Renesas Technology Corp
RKD701KNSilicon Schottky Barrier Diode for High Speed Switching 1 2 3 4 5 Renesas Technology Corp
RKD702KLSilicon Schottky Barrier Diode for High Speed Switching 1 2 3 4 5 Renesas Technology Corp
HRB0103ASilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreRenesas Technology Corp
HRB0103BSilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreRenesas Technology Corp
HSB88ASSilicon Schottky Barrier Diode for High Speed Switching 1 2 3 4 5 Renesas Technology Corp
RKD702KPSilicon Schottky Barrier Diode for High Speed Switching 1 2 3 4 5 Renesas Technology Corp
HSB88WA_05Silicon Schottky Barrier Diode for High Speed Switching 1 2 3 4 5 Renesas Technology Corp

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl