Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS54097TZ-E Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HS54097TZ-E
Description  Silicon N Channel MOSFET High Speed Power Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS54097TZ-E Datasheet(HTML) 2 Page - Renesas Technology Corp

  HS54097TZ-E Datasheet HTML 1Page - Renesas Technology Corp HS54097TZ-E Datasheet HTML 2Page - Renesas Technology Corp HS54097TZ-E Datasheet HTML 3Page - Renesas Technology Corp HS54097TZ-E Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HS54097
REJ03G1669-0100 Rev.1.00 Apr 24, 2008
Page 2 of 3
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
600
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
1
µA
VDS = 600 V, VGS = 0
Gate to source leak current
IGSS
±0.1
µA
VGS =
±30 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
3
5
V
VDS = 10 V, ID = 1 mA
Static drain to source on state
resistance
RDS(on)
17
25
ID = 0.075 A,
VGS = 10 V
Note2
Input capacitance
Ciss
50
pF
Output capacitance
Coss
7.2
pF
Reverse transfer capacitance
Crss
1.1
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
31
ns
Rise time
tr
14
ns
Turn-off delay time
td(off)
54
ns
Fall time
tf
218
ns
ID = 0.075 A
VGS = 10 V
RL = 4000
Rg = 10
Total gate charge
Qg
4.5
nC
Gate to source charge
Qgs
0.5
nC
Gate to drain charge
Qgd
3.1
nC
VDD = 480 V
VGS = 10 V
ID = 0.15 A
Body-drain diode forward voltage
VDF
0.77
1.30
V
IF = 0.15 A, VGS = 0
Note2
Body-drain diode reverse recovery time
trr
240
ns
IF = 0.15 A, VGS = 0
diF/dt = 50 A/
µs
Notes: 2. Pulse test
3. Since this device is equipped with high voltage FET chip (VDSS
≥ 600 V), high voltage may be supplied.
Therefore, please be sure to confirm about Electric discharge between Drain terminal and other terminal.


Similar Part No. - HS54097TZ-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS54097 RENESAS-HS54097_15 Datasheet
94Kb / 6P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - HS54097TZ-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK294 HITACHI-2SK294 Datasheet
47Kb / 1P
   SILICON N CHANNEL MOSFET HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
RJK6022DJE RENESAS-RJK6022DJE Datasheet
102Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
H7N1004DL RENESAS-H7N1004DL Datasheet
121Kb / 9P
   Silicon N-Channel MOSFET High-Speed Power Switching
RJK6026DPP RENESAS-RJK6026DPP Datasheet
105Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
H7N1004LD RENESAS-H7N1004LD_15 Datasheet
126Kb / 14P
   Silicon N-Channel MOSFET High-Speed Power Switching
RJL6013DPP RENESAS-RJL6013DPP Datasheet
108Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
H7N1004DL RENESAS-H7N1004DL_15 Datasheet
137Kb / 11P
   Silicon N-Channel MOSFET High-Speed Power Switching
H7N1004FM RENESAS-H7N1004FM_12 Datasheet
94Kb / 8P
   Silicon N-Channel MOSFET High-Speed Power Switching
H7N1004LM RENESAS-H7N1004LM Datasheet
98Kb / 12P
   Silicon N-Channel MOSFET High-Speed Power Switching
H5N2305PF RENESAS-H5N2305PF Datasheet
87Kb / 10P
   Silicon N Channel MOSFET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com