Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRW0702A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HRW0702A
Description  Silicon Schottky Barrier Diode for Rectifying
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HRW0702A Datasheet(HTML) 2 Page - Renesas Technology Corp

  HRW0702A Datasheet HTML 1Page - Renesas Technology Corp HRW0702A Datasheet HTML 2Page - Renesas Technology Corp HRW0702A Datasheet HTML 3Page - Renesas Technology Corp HRW0702A Datasheet HTML 4Page - Renesas Technology Corp HRW0702A Datasheet HTML 5Page - Renesas Technology Corp HRW0702A Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HRW0702A
Rev.6.00, Jan.06.2004, page 2 of 5
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM *
1
20
V
Forward current
IF *
1
700
mA
Non-Repetitive peak forward current
IFM
1.4
A
Non-Repetitive peak forward surge current
IFSM *
2
5
A
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Notes: 1. See from Fig.4 to Fig.6
2. 10 ms sine wave 1 pulse
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
VF
0.43
V
IF = 700 mA
Reverse current
IR
200
µA
VR = 20 V
Capacitance
C
120
pF
VR = 0 V, f = 1 MHz
Thermal resistance
Rth(j-a)
340
°C/W
Polyimide board
*1
Note:
1. Polyimide board
Unit: mm
1.5
1.5
20h
×15w×0.8t


Similar Part No. - HRW0702A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRW0702A HITACHI-HRW0702A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Guangdong Kexin Industr...
HRW0702A KEXIN-HRW0702A Datasheet
35Kb / 1P
   Silicon Schottky Barrier Diode
More results

Similar Description - HRW0702A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRC0103A HITACHI-HRC0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRC0203B HITACHI-HRC0203B Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF32 HITACHI-HRF32 Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF502A HITACHI-HRF502A Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103A HITACHI-HRU0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0202B HITACHI-HRW0202B Datasheet
33Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0502A HITACHI-HRW0502A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Renesas Technology Corp
HRV103A RENESAS-HRV103A_08 Datasheet
88Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
RKR0503AKJ RENESAS-RKR0503AKJ Datasheet
210Kb / 8P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103C RENESAS-HRU0103C_08 Datasheet
84Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Hitachi Semiconductor
HRW0503A HITACHI-HRW0503A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com