Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58V66AFP-10 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HN58V66AFP-10
Description  64 k EEPROM (8-kword8-bit) Ready/Busy Function, RES Function (HN58V66A)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V66AFP-10 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HN58V66AFP-10 Datasheet HTML 5Page - Renesas Technology Corp HN58V66AFP-10 Datasheet HTML 6Page - Renesas Technology Corp HN58V66AFP-10 Datasheet HTML 7Page - Renesas Technology Corp HN58V66AFP-10 Datasheet HTML 8Page - Renesas Technology Corp HN58V66AFP-10 Datasheet HTML 9Page - Renesas Technology Corp HN58V66AFP-10 Datasheet HTML 10Page - Renesas Technology Corp HN58V66AFP-10 Datasheet HTML 11Page - Renesas Technology Corp HN58V66AFP-10 Datasheet HTML 12Page - Renesas Technology Corp HN58V66AFP-10 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
HN58V65A Series, HN58V66A Series
Rev.3.00, Dec. 04.2003, page 9 of 26
Write Cycle 1 (2.7 V
≤ V
CC < 4.5 V)
Parameter
Symbol
Min*
3
Typ
Max
Unit
Test conditions
Address setup time
t
AS
0
ns
Address hold time
t
AH
50
ns
CE to write setup time (WE controlled)
t
CS
0
ns
CE hold time (WE controlled)
t
CH
0
ns
WE to write setup time (CE controlled)
t
WS
0
ns
WE hold time (CE controlled)
t
WH
0
ns
OE to write setup time
t
OES
0
ns
OE hold time
t
OEH
0
ns
Data setup time
t
DS
50
ns
Data hold time
t
DH
0
ns
WE pulse width (WE controlled)
t
WP
200
ns
CE pulse width (CE controlled)
t
CW
200
ns
Data latch time
t
DL
100
ns
Byte load cycle
t
BLC
0.3
30
µs
Byte load window
t
BL
100
µs
Write cycle time
t
WC
10*
4
ms
Time to device busy
t
DB
120
ns
Write start time
t
DW
0*
5
ns
Reset protect time*
2
t
RP
100
µs
Reset high time*
2, 6
t
RES
1
µs
Notes: 1. t
DF and tDFR are defined as the time at which the outputs achieve the open circuit conditions and
are no longer driven.
2. This function is supported by only the HN58V66A series.
3. Use this device in longer cycle than this value.
4. t
WC must be longer than this value unless polling techniques or RDY/Busy
are used. This device
automatically completes the internal write operation within this value.
5. Next read or write operation can be initiated after t
DW if polling techniques or RDY/Busy are used.
6. This parameter is sampled and not 100% tested.
7. A6 through A12 are page addresses and these addresses are latched at the first falling edge of
WE.
8. A6 through A12 are page addresses and these addresses are latched at the first falling edge of
CE.
9. See AC read characteristics.


Similar Part No. - HN58V66AFP-10

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58V66AFP-10 HITACHI-HN58V66AFP-10 Datasheet
127Kb / 27P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
More results

Similar Description - HN58V66AFP-10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V65A RENESAS-HN58V65A_15 Datasheet
284Kb / 30P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
logo
Hitachi Semiconductor
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function
logo
Renesas Technology Corp
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58V65AI RENESAS-HN58V65AI Datasheet
225Kb / 28P
   64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
R1EV58064BXXN RENESAS-R1EV58064BXXN_15 Datasheet
457Kb / 25P
   64K EEPROM (8-Kword 횞 8-bit) Ready/Busy function
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_15 Datasheet
545Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready/ Busy and RES function
HN58V256A RENESAS-HN58V256A Datasheet
239Kb / 25P
   256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com