Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM62W16256BLTT-7 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HM62W16256BLTT-7
Description  4 M SRAM (256-kword16-bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM62W16256BLTT-7 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HM62W16256BLTT-7 Datasheet HTML 6Page - Renesas Technology Corp HM62W16256BLTT-7 Datasheet HTML 7Page - Renesas Technology Corp HM62W16256BLTT-7 Datasheet HTML 8Page - Renesas Technology Corp HM62W16256BLTT-7 Datasheet HTML 9Page - Renesas Technology Corp HM62W16256BLTT-7 Datasheet HTML 10Page - Renesas Technology Corp HM62W16256BLTT-7 Datasheet HTML 11Page - Renesas Technology Corp HM62W16256BLTT-7 Datasheet HTML 12Page - Renesas Technology Corp HM62W16256BLTT-7 Datasheet HTML 13Page - Renesas Technology Corp HM62W16256BLTT-7 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
HM62W16256B Series
8
Write Cycle
HM62W16256B
-5
-7
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Write cycle time
t
WC
55
70
ns
Address valid to end of write
t
AW
50
60
ns
Chip selection to end of write
t
CW
50
60
ns
5
Write pulse width
t
WP
40
50
ns
4
LB, UB valid to end of write
t
BW
50
55
ns
Address setup time
t
AS
0—
0—
ns
6
Write recovery time
t
WR
0—
0—
ns
7
Data to write time overlap
t
DW
25
30
ns
Data hold from write time
t
DH
0—
0—
ns
Output active from end of write
t
OW
5—
5—
ns
2
Output disable to output in High-Z t
OHZ
0
20
0
25
ns
1, 2
Write to output in high-Z
t
WHZ
0
20
0
25
ns
1, 2
Notes: 1. t
CHZ, tOHZ, t WHZ and tBHZ are defined as the time at which the outputs achieve the open circuit
conditions and are not referred to output voltage levels.
2. This parameter is sampled and not 100% tested.
3. At any given temperature and voltage condition, t
HZ max is less than tLZ min both for a given device
and from device to device.
4. A write occures during the overlap of a low
CS1, a high CS2, a low WE and a low LB or a low UB.
A write begins at the latest transition among
CS1 going low, CS2 going high, WE going low and LB
going low or
UB going low. A write ends at the earliest transition among CS1 going high, CS2
going low,
WE going high and LB going high or UB going high. t
WP is measured from the beginning
of write to the end of write.
5. t
CW is measured from the later of CS1 going low or CS2 going high to the end of write.
6. t
AS is measured from the address valid to the beginning of write.
7. t
WR is measured from the earliest of CS1 or WE going high or CS2 going low to the end of write
cycle.


Similar Part No. - HM62W16256BLTT-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W16256BLTT-7 HITACHI-HM62W16256BLTT-7 Datasheet
79Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16256BLTT-7SL HITACHI-HM62W16256BLTT-7SL Datasheet
79Kb / 16P
   4 M SRAM (256-kword x 16-bit)
More results

Similar Description - HM62W16256BLTT-7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM62V16256C RENESAS-HM62V16256C Datasheet
101Kb / 20P
   4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B Datasheet
93Kb / 18P
   4 M SRAM (256-kword 쨈 16-bit)
HM62W16258BI RENESAS-HM62W16258BI Datasheet
92Kb / 17P
   4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B_15 Datasheet
119Kb / 20P
   4 M SRAM (256-kword 쨈 16-bit)
HM62V16256CBP RENESAS-HM62V16256CBP Datasheet
150Kb / 20P
   4 M SRAM (256-kword 쨈 16-bit)
HM62W16258BI RENESAS-HM62W16258BI_15 Datasheet
117Kb / 19P
   4 M SRAM (256-kword 쨈 16-bit)
HM62V16256CI RENESAS-HM62V16256CI Datasheet
100Kb / 20P
   Wide Temperature Range Version 4 M SRAM (256-kword 쨈 16-bit)
logo
Hitachi Semiconductor
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
   4 M SRAM (256-kword x 16-bit)
HM62V16258B HITACHI-HM62V16258B Datasheet
74Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16258B HITACHI-HM62W16258B Datasheet
76Kb / 16P
   4 M SRAM (256-kword x 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com