Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD407A4639RF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD407A4639RF
Description  4-Bit Single-Chip Microcomputer
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD407A4639RF Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD407A4639RF Datasheet HTML 1Page - Renesas Technology Corp HD407A4639RF Datasheet HTML 2Page - Renesas Technology Corp HD407A4639RF Datasheet HTML 3Page - Renesas Technology Corp HD407A4639RF Datasheet HTML 4Page - Renesas Technology Corp HD407A4639RF Datasheet HTML 5Page - Renesas Technology Corp HD407A4639RF Datasheet HTML 6Page - Renesas Technology Corp HD407A4639RF Datasheet HTML 7Page - Renesas Technology Corp HD407A4639RF Datasheet HTML 8Page - Renesas Technology Corp HD407A4639RF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 135 page
background image
HD404639R Series
2
• Comparator (4 channels)
• On-chip DTMF generator: f
OSC = 400 kHz, 800 kHz, 2 MHz, 3.58 MHz, 4 MHz, 7.16 MHz, or 8 MHz
(7.16 MHz and 8 MHz are only available for HD40A4638R, HD40A4639R and HD407A4639R)
• Built-in oscillators
 Main clock: Ceramic oscillator or crystal (an external clock is also possible)
 Subclock: 32.768-kHz crystal
• Eleven interrupt sources
 Five by external sources, including three double-edge function
 Six by internal sources
• Subroutine stack up to 16 levels, including interrupts
• Four low-power dissipation modes
 Subactive mode
 Standby mode
 Watch mode
 Stop mode
• One external input for transition from stop mode to active mode
• Instruction cycle time: 1 µs (f
OSC = 4 MHz at 1/4 division ratio), 0.5 µs (fOSC = 8 MHz at 1/4 division
ratio)
 1/4, 1/8, 1/16, or 1/32 division ratio can be selected
• Operation voltage
 2.7 V to 6.0 V (HD404638R, HD404639R, HD40A4638R, HD40A4639R)
 2.7 V to 5.5 V (HD407A4639R)
 With V
CC = 2.2 V to 6.0 V, watch mode can be supported, and instructions can be executed in
subactive mode (not applicable to the HD407A4639R).
• Two operating modes
 MCU mode
 MCU/PROM mode (HD407A4639R)
Ordering Information
Type
Instruction Cycle
Time (
µs)
Product Name
Model Name
ROM (Words)
Package
Mask ROM
1 (f
OSC = 4 MHz at 1/4
division ratio)
HD404638R
HD404638RF
8,192
80-pin
plastic QFP
(FP-80B)
HD404639R
HD404639RF
16,384
0.5 (f
OSC = 8 MHz at1/4
division ratio)
HD40A4638R
HD40A4638RF
8,192
HD40A4639R
HD40A4639RF
16,384
ZTAT
0.5 (f
OSC = 8 MHz at 1/4
division ratio)
HD407A4639R
HD407A4639RF 16,384


Similar Part No. - HD407A4639RF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD407A4669 HITACHI-HD407A4669 Datasheet
455Kb / 142P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
HD407A4669H HITACHI-HD407A4669H Datasheet
455Kb / 142P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
More results

Similar Description - HD407A4639RF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com