Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38504M1-XXXSP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M38504M1-XXXSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38504M1-XXXSP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M38504M1-XXXSP Datasheet HTML 1Page - Renesas Technology Corp M38504M1-XXXSP Datasheet HTML 2Page - Renesas Technology Corp M38504M1-XXXSP Datasheet HTML 3Page - Renesas Technology Corp M38504M1-XXXSP Datasheet HTML 4Page - Renesas Technology Corp M38504M1-XXXSP Datasheet HTML 5Page - Renesas Technology Corp M38504M1-XXXSP Datasheet HTML 6Page - Renesas Technology Corp M38504M1-XXXSP Datasheet HTML 7Page - Renesas Technology Corp M38504M1-XXXSP Datasheet HTML 8Page - Renesas Technology Corp M38504M1-XXXSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
DESCRIPTION
The 3850 group (spec. A) is the 8-bit microcomputer based on the
740 family core technology.
The 3850 group (spec. A) is designed for the household products
and office automation equipment and includes serial interface
functions, 8-bit timer, and A/D converter.
FEATURES
qBasic machine-language instructions ...................................... 71
qMinimum instruction execution time ................................ 0.32
µs
(at 12.5 MHz oscillation frequency)
qMemory size
ROM ................................................................... 8K to 32K bytes
RAM ..................................................................... 512 to 1K bytes
qProgrammable input/output ports ............................................ 34
qOn-chip software pull-up resistor
qInterrupts ................................................. 15 sources, 14 vectors
qTimers ............................................................................. 8-bit ✕ 4
qSerial interface
Serial I/O1 .................... 8-bit ✕ 1(UART or Clock-synchronized)
Serial I/O2 ................................... 8-bit ✕ 1(Clock-synchronized)
qPWM ............................................................................... 8-bit ✕ 1
qA/D converter ............................................... 10-bit ✕ 9 channels
qWatchdog timer ............................................................ 16-bit ✕ 1
PIN CONFIGURATION (TOP VIEW)
Fig. 1 M3850XMXA-XXXFP/SP pin configuration
qClock generating circuit ..................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
In high-speed mode .................................................. 4.0 to 5.5 V
(at 12.5 MHz oscillation frequency)
In high-speed mode .................................................. 2.7 to 5.5 V
(at 6 MHz oscillation frequency)
In middle-speed mode ............................................... 2.7 to 5.5 V
(at 12.5 MHz oscillation frequency)
In low-speed mode .................................................... 2.7 to 5.5 V
(at 32 kHz oscillation frequency)
qPower dissipation
In high-speed mode
Except M38507F8AFP/SP ............................................. 32.5mW
M38507F8AFP/SP ......................................................... 37.5mW
(at 12.5 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode
Except M38507F8AFP/SP ................................................ 60
µW
M38507F8AFP/SP .......................................................... 450
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range .................................... –20 to 85°C
APPLICATION
Office automation equipment, FA equipment, Household products,
Consumer electronics, etc.
Package type : FP ........................... PRSP0042GA-B (42P2R-A/E) (42-pin plastic-molded SSOP)
Package type : SP ........................... PRDP0042BA-A (42P4B) (42-pin plastic-molded SDIP)
P40/CNTR1
P41/INT0
P42/INT1
P43/INT2/SCMP2
AVSS
P44/INT3/PWM
VREF
VCC
P00/SIN2
P04/AN5
P05/AN6
P06/AN7
P07/AN8
P11(LED1)
P12(LED2)
P13(LED3)
P14(LED4)
P15(LED5)
P10(LED0)
P01/SOUT2
P02/SCLK2
P31/AN1
P32/AN2
P30/AN0
P33/AN3
P34/AN4
P03/SRDY2
40
41
42
22
23
24
25
26
27
28
29
30
31
32
34
35
36
37
38
39
33
3
2
1
21
20
19
18
17
16
15
14
13
12
11
9
8
7
6
5
4
10
P16(LED6)
P17(LED7)
P27/CNTR0/SRDY1
P26/SCLK1
P25/TxD
P24/RxD
P23
P22
CNVSS
P21/XCIN
P20/XCOUT
RESET
XIN
XOUT
VSS
VPP
: Flash memory version
Rev.2.10
2005.11.14
page 1 of 86
REJ03B0093-0210
3850 Group (Spec.A)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0093-0210
Rev.2.10
Nov 14, 2005


Similar Part No. - M38504M1-XXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38504M1-XXXSP RENESAS-M38504M1-XXXSP Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38504M1-XXXSP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com